Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 9 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 9 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 5Page - Microsemi Corporation PD69104B1/F Datasheet HTML 6Page - Microsemi Corporation PD69104B1/F Datasheet HTML 7Page - Microsemi Corporation PD69104B1/F Datasheet HTML 8Page - Microsemi Corporation PD69104B1/F Datasheet HTML 9Page - Microsemi Corporation PD69104B1/F Datasheet HTML 10Page - Microsemi Corporation PD69104B1/F Datasheet HTML 11Page - Microsemi Corporation PD69104B1/F Datasheet HTML 12Page - Microsemi Corporation PD69104B1/F Datasheet HTML 13Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
6
CONST
Bits
ADDR3
Slave 1 Bit
ADDR2
Slave 0 Bit
ADDR1
ID1 Bit
ADDR0
ID0 Bit
I²C/UART Address
0 1 0
1
0
0
1
0101001b
0 1 0
1
0
1
0
0101010b
0 1 0
1
0
1
1
0101011b
0 1 0
1
1
0
0
0101100b
0 1 0
1
1
0
1
0101101b
0 1 0
1
1
1
0
0101110b
0 1 0
1
1
1
1
0101111b
Address 0000000b is the global address in extended mode operation I²C (MODE<1:0>='00').
Address 0110000b is the global address in semi-auto mode operations (MODE<1:0>='01' or '11').
All the slaves respond to the global address.
Avoid global read transactions.
Address 0001100b is used for extended PoE address (alert response address) in semi-auto mode
operations.
When reading from this alert response address, only slaves that assert the Int_out pin will send bytes
that consist of their own addresses.
3.12
Mode of Operation
The following table lists the modes of operation for the PD69104B1/F device.
Table 2 • Mode of Operation
Mode
1
Mode
0
Mode
Comm to the
IC
Functionality
Remarks
0
0
MSCC
extended
auto
mode
I²C or UART
(see
COMM_MODE
pin)
Fully autonomous operation
without a need for Host Controller
(MCU). This mode supports
extended registers map.
Default operation—with no
interrupt function (interrupt can
be enabled by communication
command).
I²C or UART Protocol to host
with extended register map
and power management
(PM) support.
0
1
Semi-
auto
mode
I²C or UART
(see
COMM_MODE
pin)
Host should manage the ports.
I²C Protocol to host.
3.13
I²C Communication Functional Description
The following illustration shows the I²C communication format of the data write/read access for the
PD69104B1/F device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com