Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 19 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 19 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 15Page - Microsemi Corporation PD69104B1/F Datasheet HTML 16Page - Microsemi Corporation PD69104B1/F Datasheet HTML 17Page - Microsemi Corporation PD69104B1/F Datasheet HTML 18Page - Microsemi Corporation PD69104B1/F Datasheet HTML 19Page - Microsemi Corporation PD69104B1/F Datasheet HTML 20Page - Microsemi Corporation PD69104B1/F Datasheet HTML 21Page - Microsemi Corporation PD69104B1/F Datasheet HTML 22Page - Microsemi Corporation PD69104B1/F Datasheet HTML 23Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
16
The following table lists the operational mode parameters.
Table 14 • Operational Mode Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TUDLREC
Automatic recovery
from no-load
shutdown
Measured from port shutdown point (can be
modified through control port)
1
s
Cutoff timers accuracy
Typical accuracy of Tcut
2
ms
IInrsh
Inrush current
For t= 50 ms, C
= 180 µF max.
load
400
450
mA
Iport
Output current
operating range
Continuous operation after startup period
10
725
mA
Pport
Output power
available, operating
range
Continuous operation after startup period at
port output
0.57
36
W
Imin1
Off-mode current
Must disconnect where T is greater than TUVL
0
5
mA
May or may not disconnect where T is greater
than TUVL
5
7.5
10
mA
Imin2
PD power
maintenance request
drop-out time limit
Buffer period to handle transitions
300
400
ms
TPMDO
Overload time limit
50
75
ms
TOVL
Turn-on rise time
From 10% to 90% of Vport
(specified for PD load consisting of 100 µF
capacitor parallel to 200 Ω resistor)
15
µs
Trise
Turn-off time
From V
to 2.8 V
port
DC
500
ms
Toff
Time maintain power
signature
DC modulation time for DC disconnect
49
ms
The following table lists the IEEE 802.3AT mode parameters.
Table 15 • IEEE 802.3AT Mode Parameters
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TUDLREC
Automatic recovery
from no-load
shutdown
Measured from port shutdown point (can be
modified through control port)
1
s
Cutoff timers
accuracy
Typical accuracy of Tcut
2
ms
IInrsh
Inrush current
For t= 50ms, C
= 180µF max.
load
400
450
mA
Iport
Output current
operating range
Continuous operation after startup period
10
725
mA
Pport
Output power
available, operating
range
Continuous operation after startup period at port
output
0.57
36
W
Imin1
Off-mode current
Must disconnect where T is greater than TUVL
0
5
mA
May or may not disconnect where T is greater
than TUVL
5
7.5
10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com