Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 25 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 25 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 21Page - Microsemi Corporation PD69104B1/F Datasheet HTML 22Page - Microsemi Corporation PD69104B1/F Datasheet HTML 23Page - Microsemi Corporation PD69104B1/F Datasheet HTML 24Page - Microsemi Corporation PD69104B1/F Datasheet HTML 25Page - Microsemi Corporation PD69104B1/F Datasheet HTML 26Page - Microsemi Corporation PD69104B1/F Datasheet HTML 27Page - Microsemi Corporation PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation PD69104B1/F Datasheet HTML 29Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
22
6
Package Information
The following sections describe the package information for the PD69104B1/F device.
6.1
Package Outline Drawing
The following illustration shows the package outline drawing for the PD69104B1/F device.
Figure 12 • Package Outline Drawing
The following table lists the dimensions and measurements of the PD69104B1/F device.
Table 18 • Dimensions and Measurements
Dim
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0
0.002
A3
0.20 ref
0.008 ref
K
0.20 min
0.008 min
e
0.50 BSC
0.02 BSC
L
0.30
0.50
0.012
0.02
b
0.18
0.30
0.007
0.012
D2
6.35
6.60
0.250
0.260
E2
6.35
6.60
0.250
0.260
D
8.00 BSC
0.315 BSC
E
8.00 BSC
0.315 BSC
Note: Dimensions do not include protrusions; these shall not exceed 0.155 mm (.006") on any side. The
lead dimension shall not include solder coverage.
6.2
Thermal Specifications
Thermal resistance-junction to ambient is 25 °C/W.
Thermal resistance-junction to case is 4 °C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com