Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 32 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 32 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation PD69104B1/F Datasheet HTML 29Page - Microsemi Corporation PD69104B1/F Datasheet HTML 30Page - Microsemi Corporation PD69104B1/F Datasheet HTML 31Page - Microsemi Corporation PD69104B1/F Datasheet HTML 32Page - Microsemi Corporation PD69104B1/F Datasheet HTML 33Page - Microsemi Corporation PD69104B1/F Datasheet HTML 34Page - Microsemi Corporation PD69104B1/F Datasheet HTML 35Page - Microsemi Corporation PD69104B1/F Datasheet HTML 36Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
29
The following illustration shows the read transaction format.
Figure 18 • I2C EEPROM High-Level Packet Structure
For more information on the I²C timing constraint, see Table 3 (see page 9)
The EEPROM registers mapping should be identical to the PD69104B1/F registers mapping.
Note: In EEPROM mode, only I²C (not UART) will be used by PD69104B1/F for communication with the
host (after finishing the configuration upload from EEPROM).
The following table lists the LED indications.
Table 22 • LED Indications
Pin
Status
LED
LED<3:0>
Port power on
On
Power management event
0.4 Hz blink
Port over load
Port short circuit
Port failed at startup
0.8 Hz blink
Vmain_Out of range
or over temp
All LEDs :3.3 Hz blink
Port pff
Off
MAX_LED
Total power consumption is below power guard band determined by the user
Off
Total power consumption is above power guard band but below total budget.
On
Total power consumption is above total budget, or Power Integral is still positive
Blink
MAX_LED:
Both max power budget and max LED guard band (GB) can be configured through internal registers:
Max power budget registers: PWR_BNK0 to PWR_BNK7 (address 0x89 to 0x90)
Max LED guard band register: PoE_MAX_LED_GB (address 0x9F)
PoE_MAX_LED_GB Register LSB = 1 W
Max LED reflects total power for all 4 ports
When total power consumption < (Max Power—Guard Band) > Max LED is OFF (below the bottom
line)
When total power consumption > (Max Power—Guard Band) > Max LED is ON (between the lines)
When total power consumption > (Max Power) > LED is BLINKING (above top line)
Also, when total power > budget (above top line):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com