Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 24 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 20Page - Microsemi Corporation PD69104B1/F Datasheet HTML 21Page - Microsemi Corporation PD69104B1/F Datasheet HTML 22Page - Microsemi Corporation PD69104B1/F Datasheet HTML 23Page - Microsemi Corporation PD69104B1/F Datasheet HTML 24Page - Microsemi Corporation PD69104B1/F Datasheet HTML 25Page - Microsemi Corporation PD69104B1/F Datasheet HTML 26Page - Microsemi Corporation PD69104B1/F Datasheet HTML 27Page - Microsemi Corporation PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
21
Pin
Pin Name
Pin
Type
Description
40
PS_PGD1
Digital
input
Power supply power good 1; power budget set pin – for fast power control. See Table
.
23 (see page 31)
41
PS_PGD2
Digital
input
Power supply power good 2; power budget set pin – for fast power control. See Table
.
23 (see page 31)
42
PS_PGD3 /
E2_SCL
Digital
I/O
(open
drain)
Power supply power good 3;
Power budget set pin—for initial configuration (See Table 7)
Or (refer to COMM MODE PIN)
E2_SCL: I2C Clock Out to EEPROM
When working with EPROM—an external 10K pull-up resistor should be connected
between this pin and DVDD.
43
E2_SDA
Digital
I/O
(open
drain)
EEPROM I2C data I/O pin. Used for power-up configuration in stand alone systems.
An external 10K pull-up resistor should be connected between this pin and DVDD.
44
DVDD
Power
Digital 3.3 V power input
DC
45
DGND
Power
Digital GND
46
I2C_SCL
Digital
input
I²C bus, serial clock input.
An external 10K pull-up resistor should be connected between this pin and DVDD.
47
I2C_SDA_out
Digital I
/O
(open
drain)
I²C bus, data output/UART Tx output
An external 10K pull-up resistor should be connected between this pin and DVDD.
48
I2C_SDA_in
Digital I
/O
(open
drain)
I²C bus, data input/UART Rx input
An external 10K pull-up resistor should be connected between this pin and DVDD.
1
This pin should be free of large capacitance in order to prevent RPD and MRPD pulses distortion (please
refer to the MSCC PD69104B Application Note).
Note: “0”= connect to DGND and “1”= connect to DVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com