Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 21 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 17Page - Microsemi Corporation PD69104B1/F Datasheet HTML 18Page - Microsemi Corporation PD69104B1/F Datasheet HTML 19Page - Microsemi Corporation PD69104B1/F Datasheet HTML 20Page - Microsemi Corporation PD69104B1/F Datasheet HTML 21Page - Microsemi Corporation PD69104B1/F Datasheet HTML 22Page - Microsemi Corporation PD69104B1/F Datasheet HTML 23Page - Microsemi Corporation PD69104B1/F Datasheet HTML 24Page - Microsemi Corporation PD69104B1/F Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
18
5
Pin Descriptions
The PD69104B1/F device has 48-pins, which are described in this section.
The following illustration shows the top view of the PD69104B1/F pin configuration and pinout.
Figure 11 • PD69104B1/F Pin Configuration and Pinout
Note: RoHS/Pb-free 100% matte tin finish. PD69104B1 for –10 °C to 85 °C operating ambient
temperature range. PD69104B1/F for –40 °C to 85 °C operating ambient temperature range.
The following table lists the functional pin descriptions for the PD69104B1/F device.
Table 17 • Pin Descriptions
Pin
Pin Name
Pin
Type
Description
0
PAD
Analog
GND
Exposed PAD: connect to analog ground (AGND). A decent ground plane should be
deployed around this pin whenever possible (refer to PD69104B Layout Design
Guidelines).
1
RESET_N1
Digital
input
Reset input – active low ('0'= reset) This pin is also used for RPD/MRPD function.
2
ADDR0
Digital
input
Address bus for setting the address of the chip. See
.
Table 1 (see page 5)
3
ADDR1
Digital
input
Address bus for setting the address of the chip. See
.
Table 1 (see page 5)
4
ADDR2
Digital
input
Address bus for setting the address of the chip. See
.
Table 1 (see page 5)
5
ADDR3
Digital
input
Address bus for setting the address of the chip. See
.
Table 1 (see page 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com