Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 23 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 23 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 19Page - Microsemi Corporation PD69104B1/F Datasheet HTML 20Page - Microsemi Corporation PD69104B1/F Datasheet HTML 21Page - Microsemi Corporation PD69104B1/F Datasheet HTML 22Page - Microsemi Corporation PD69104B1/F Datasheet HTML 23Page - Microsemi Corporation PD69104B1/F Datasheet HTML 24Page - Microsemi Corporation PD69104B1/F Datasheet HTML 25Page - Microsemi Corporation PD69104B1/F Datasheet HTML 26Page - Microsemi Corporation PD69104B1/F Datasheet HTML 27Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
20
Pin
Pin Name
Pin
Type
Description
25
VPORT_NEG3
Analog
I/O
Negative port output
26
PORT_SENSE3
Analog
input
Sense resistor port input (connected to 0.36 Ω, 1% resistor to QGND with ~6 mΩ
trace for measurements accuracy).
27
VPORT_NEG2
Analog
I/O
Negative port output
28
PORT_SENSE2
Analog
input
Sense resistor port input (connected to 0.36 Ω, 1% resistor to QGND with ~6 mΩ
trace for measurements accuracy).
29
LED 3
Open
drain
output
Port 3 LED indication – active low ('0' = LED on). See
.
Table 22 (see page 29)
30
LED 2
Open
drain
output
Port 2 LED indication – active low ('0' = LED on). See
.
Table 22 (see page 29)
31
AGND
Power
Analog ground
32
4 pairs mode
Analog
input
2 state input pin. Select 4 pairs mode:
“0” (GND) - 4 ports of 2 pairs.
“1” (VCC) - 2 ports of 4 pair.
33
Current_SET
Analog
input
3 state input pin, used for selecting output current and AF/AT mode:
“0” (AGND) – AF mode
“open” (N.C) – Low AT mode 600mA
“1” (V ) – High AT mode 720mA
DD
34
COMM_MODE
Analog
input
3 state input pin communication. Following options are available:
“0” (AGND) – UART active
“open” (N.C) – E2PROM connected and I2C active if connected.
In this case within 2PROM Register 0x7E (SYS_CFG) bit 5
(i2c_en) should be set to "1".
“1” (V ) – I2C active
DD
35
ALT A/B
Digital
input
User input pin, used for setting the chip working mode:
GND – ALT B mode = Midspan mode (midsp [1:4] bits =”1”)
DVDD – ALT A mode = Endspan mode (midsp [1:4] bits =”0”)
36
INT_OUT
Digital
I/O
(open
drain)
In MSCC Extended Auto mode: User input pin. Used for setting the chip legacy
detection mode:
“1” (V ) – IEEE802.3af compliant resistor detection only
DD
“0” (GND) – IEEE802.3 AF / AT Detection and Legacy (non-
standard) line detection
In semi-auto mode: Interrupt out pin. Indicates an interruption event has occurred.
An external 10K pull-up resistor should be connected between this pin and DVDD.
37
Mode0
Digital
input
Used for IC operational mode selection. See
.
Table 2 (see page 6)
38
Mode1
Digital
input
Used for IC operational mode selection. See
.
Table 2 (see page 6)
39
PS_PGD0
Digital
input
Power supply power good 0; power budget set pin – for fast power control. See Table
.
23 (see page 31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com