Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 30 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 30 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 26Page - Microsemi Corporation PD69104B1/F Datasheet HTML 27Page - Microsemi Corporation PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation PD69104B1/F Datasheet HTML 29Page - Microsemi Corporation PD69104B1/F Datasheet HTML 30Page - Microsemi Corporation PD69104B1/F Datasheet HTML 31Page - Microsemi Corporation PD69104B1/F Datasheet HTML 32Page - Microsemi Corporation PD69104B1/F Datasheet HTML 33Page - Microsemi Corporation PD69104B1/F Datasheet HTML 34Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
27
7
Application Information
PD69104B1/F meets IEEE 802.3af and IEEE 802.3at functionality standards, as well as legacy (capacitor)
and Cisco’s PDs detection standards. Moreover, it supports additional protections such as short circuit,
and dV/dT protection upon port startup.
7.1
Line Detection
The line detection feature detects a valid AF or AT load, as specified in the IEEE 802.3 standard. The
resistance value should range from 19 kΩ to 26.5 kΩ. Line detection is based on four different voltage
levels generated over the PD (the load), as shown in the following illustration.
Figure 17 • Typical PoE Voltage vs. Time Diagram
The first 2 levels (low voltage level < 3 V) are for detecting if load up to 200KΩ is connected to the PSE;
preventing from applying high voltages on the PSE when there is no-load, and eliminating potential risk
to the DTE. If first detection passes next 2 levels of resistor detection are applied. If the POE detects a
valid resistor signature value the detection is passed else the detection fails and moves to IDLE.
7.2
Legacy (Cap) Detection
In case pin 36 (RES_CAP / INT_OUT) is set to “0”, the detection mechanism of PD69104B1/F is
configured to detect and power LEGACY PDs, as well as AF/AT compliant PDs.
This mechanism also detects and powers CISCO Legacy PDs.
7.3
Classification
The classification process takes place right after the resistor detection is successfully completed. The
main goal of the classification process is to detect the PD class, as specified in the IEEE 802.3AF and AT
standards. The process is being done by applying a voltage to the PD nodes and measuring the port
current.
In the AF mode the classification mechanism is based on a single-voltage level step (single finger).
In the AT mode classification mechanism is based on two-voltage level steps (dual finger), as defined in
the IEEE 802.3at standard.
7.4
Port Startup
Upon a successful detection and classification process, power is applied to the load via a controlled
startup mechanism.
During this period current is limited to 425 mA for a typical duration of 65 ms. This enables the PD load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com