Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 33 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation PD69104B1/F Datasheet HTML 29Page - Microsemi Corporation PD69104B1/F Datasheet HTML 30Page - Microsemi Corporation PD69104B1/F Datasheet HTML 31Page - Microsemi Corporation PD69104B1/F Datasheet HTML 32Page - Microsemi Corporation PD69104B1/F Datasheet HTML 33Page - Microsemi Corporation PD69104B1/F Datasheet HTML 34Page - Microsemi Corporation PD69104B1/F Datasheet HTML 35Page - Microsemi Corporation PD69104B1/F Datasheet HTML 36Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
30
Also, when total power > budget (above top line):
An internal digital power integration calculation machine starts integrating power
When this Integrated total power is larger than Budget + 12.5% (RED LINE) > lowest priority port
is turned OFF
This specific port LED is OFF
Max LED will reflect the NEW Total Power status
If ports turn off due to PM, their per port LEDs will blink (in PM frequency) and MAX_LED will
turn off
Timing to shut down this port is proportional to the over power (above budget) but limited to a
maximum of 2 seconds.
In 4 pairs mode, please use only the master LED per port (LED 1 and LED 3 are masters in 4 pairs
mode, LED 0 and 2 should not be used).
In 4 pairs mode, the port’s LED is blinking when the ports enters to UDL condition, unlike the 2 pairs
condition.
The following illustration shows the MAX_LED behavior description.
Figure 19 • MAX_LED Behavior Description
For example:
Budget = 100 W, GB = 20 W
When total power = 70 W – MAX LED is OFF
When total power = 85 W – MAX LED is ON (power Integrator is not activated)
When total power = 110 W – MAX LED BLINKS (power Integrator is activated)—Port at lowest
priority is shut off
Timing to shut off is based on : delta(P) x T = Power Budget × 1.125
off
In this example, 10 W x T = 100 W × 0.125 T = 1.25 seconds
off
off
If total power = 105 W delta (P) = 5, then T = 2 seconds (the max timer)
off
The following table lists the power budget for the PD69104B1/F device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com