Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 34 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 34 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation PD69104B1/F Datasheet HTML 29Page - Microsemi Corporation PD69104B1/F Datasheet HTML 30Page - Microsemi Corporation PD69104B1/F Datasheet HTML 31Page - Microsemi Corporation PD69104B1/F Datasheet HTML 32Page - Microsemi Corporation PD69104B1/F Datasheet HTML 33Page - Microsemi Corporation PD69104B1/F Datasheet HTML 34Page - Microsemi Corporation PD69104B1/F Datasheet HTML 35Page - Microsemi Corporation PD69104B1/F Datasheet HTML 36Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
31
The following table lists the power budget for the PD69104B1/F device.
Table 23 • Power Budget
PS_PG3/
Bank Range Select
PS_PG2
PS_PG1
PS_PG0
Total Power Budget [W]
Remarks
0
0
0
0
144 (default value in AT low mode)
176 (default value in AT high mode)
Register PWR_BNK0
0
0
0
1
140 (default value)
Register PWR_BNK1
0
0
1
0
136 (default value)
Register PWR_BNK2
0
0
1
1
132 (default value)
Register PWR_BNK3
0
1
0
0
128 (default value)
Register PWR_BNK4
0
1
0
1
124 (default value)
Register PWR_BNK5
0
1
1
0
120 (default value)
Register PWR_BNK6
0
1
1
1
116 (default value)
Register PWR_BNK7
1
0
0
0
112
Constant
1
0
0
1
108
Constant
1
0
1
0
104
Constant
1
0
1
1
100
Constant
1
1
0
0
96
Constant
1
1
0
1
92
Constant
1
1
1
0
88
Constant
1
1
1
1
84
Constant
Note: There are 16 power levels, whereas the first 8 levels are registers that can be configured by users.
During operation, a change in one of the PG pins will change PD69104B1/F’s total power budget and
may result in turning off ports. The power level can be set either by PS_PG0 to PS_PG3 pins or by the
host through communication.
7.10
Reset Mechanism
To reset PD69104B1/F, the RESET line should be pulled low for more than 16 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com