Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 35 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 35 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation PD69104B1/F Datasheet HTML 29Page - Microsemi Corporation PD69104B1/F Datasheet HTML 30Page - Microsemi Corporation PD69104B1/F Datasheet HTML 31Page - Microsemi Corporation PD69104B1/F Datasheet HTML 32Page - Microsemi Corporation PD69104B1/F Datasheet HTML 33Page - Microsemi Corporation PD69104B1/F Datasheet HTML 34Page - Microsemi Corporation PD69104B1/F Datasheet HTML 35Page - Microsemi Corporation PD69104B1/F Datasheet HTML 36Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
32
1.
2.
3.
8
Ordering Information
The following table lists the ordering information for the PD69104B1/F device. Both parts have plastic
48-pin QFN 8 mm × 8 mm and RoHS compliant/Pb-free, MSL3 package.
Table 24 • Ordering Information
Part Number
Package
Packaging Type
Temperature T (°C)
A
Part Marking
PD69104B1ILQ
QFN 8 mm × 8 mm, 0.5 mm pitch
48 pins
Tray
–10 °C to 85 °C
Microsemi Logo
PD69104B1
FR e3
YYWWTZZ
PD69104B1FILQ
QFN 8 mm × 8 mm, 0.5 mm pitch
48 pins
Tray
–40 °C to 85 °C
Microsemi Logo
PD69104B1F
FR e3
YYWWTZZ
Note:
Available in tape and reel. Append the letters “TR” to the part number (for example, PD69104B1ILQ-
TR).
F R e3: F = FAB Code, R = Product revision code and e3 = 2nd level interconnect.
YY = Year, WW = Week, A = Assembly location, and ZZ = Assembly Lot sequence code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com