Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 5 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 5 Page - Microsemi Corporation

  PD69104B1/F Datasheet HTML 1Page - Microsemi Corporation PD69104B1/F Datasheet HTML 2Page - Microsemi Corporation PD69104B1/F Datasheet HTML 3Page - Microsemi Corporation PD69104B1/F Datasheet HTML 4Page - Microsemi Corporation PD69104B1/F Datasheet HTML 5Page - Microsemi Corporation PD69104B1/F Datasheet HTML 6Page - Microsemi Corporation PD69104B1/F Datasheet HTML 7Page - Microsemi Corporation PD69104B1/F Datasheet HTML 8Page - Microsemi Corporation PD69104B1/F Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
2
2
Product Overview
Microsemi’s PD69104B1/F Power over Ethernet (PoE) Manager enables network devices to share power
and data over a single cable. PD69104B1/F PoE-Manager chip is employed by both Ethernet switches
and midspans. The device integrates power, analog circuitry, and state-of-the-art control logic into a
single 48-pin plastic quad flat no-leads (QFN) package.
PD69104B1/F device is a four-port, mixed-signal, high-voltage PoE Manager. PD69104B1/F supports the
following modes of operation.
MSCC extended auto mode—A stand-alone mode in which the PD69104B1/F detects IEEE 802.3AF-
2003 compliant powered devices (PDs) and IEEE 802.3AT-2009 high-power devices, ensuring safe
power feeding and disconnection of ports based on a power management algorithm while
employing a minimum of external components.
Semi auto mode—Allows the host to control which devices are powered and which are not, as well
as communicate with PD69104B1/F and configuring it.
PD69104B1/F executes all real time functions as specified in IEEE 802.3AF-2003 (AF) and IEEE 802.3AT
high power (AT) standards. This includes load detection, AF and AT classifications. In addition, the
PD69104B1/F device features Multiple Classification Attempts (MCA) port status monitoring.
PD69104B1/F supports detection of legacy/pre-standard PD devices. It also provides PD real-time
protection through the following mechanisms: overload, under-load, over-voltage, over-temperature,
and short-circuit. PD69104B1/F supports supply voltages between 44 V and 57 V, with no need for
additional power supply sources, and has built-in thermal protection.
PD69104B1/F is a low-power device that uses internal MOSFETs and external 0.36 Ω sense resistors.
PD69104B1/F is available in a 48 lead, 8 mm × 8 mm QFN package.
2.1
Features
Supports IEEE 802.3AF and IEEE 802.3AT, including two-event classifications
MSCC extended auto and semi auto
Supports pre-standard PD detection
Supports Cisco device detection
Single DC voltage input (44 V to 57 V)
Wide temperature range: –10 °C to 85 °C
PD69104B1/F version covering –40 °C to 85 °C
Low-power dissipation (0.36 Ω sense resistor)
Drives independent 4/2-pairs power port
Supports Extended PoE Protocol and Register Map
Includes two selectable communication modes (I²C and UART)
Includes reset command pin integrated with an RPD/MRPD mechanism
Continuously monitoring port and system data
Parameter setting using input pins
Parameters setting from external serial EEPROM device
Built-in dynamic power management and emergency power management mechanisms with 3 x
power supply power-good pins
Power soft start mechanism
On-chip thermal protection
On-chip continual thermal monitoring
Voltage/current and temperature monitoring/protection
Built-in 3.3 V and 5 V regulators
Internal power on reset
MSL 3
RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com