Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 22 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 22 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 18Page - Microsemi Corporation PD69104B1/F Datasheet HTML 19Page - Microsemi Corporation PD69104B1/F Datasheet HTML 20Page - Microsemi Corporation PD69104B1/F Datasheet HTML 21Page - Microsemi Corporation PD69104B1/F Datasheet HTML 22Page - Microsemi Corporation PD69104B1/F Datasheet HTML 23Page - Microsemi Corporation PD69104B1/F Datasheet HTML 24Page - Microsemi Corporation PD69104B1/F Datasheet HTML 25Page - Microsemi Corporation PD69104B1/F Datasheet HTML 26Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
19
Pin
Pin Name
Pin
Type
Description
6
AGND
Power
Analog ground
7
LED 0
Open
drain
output
Port 0 LED indication – active low ('0' = LED on). See
.
Table 22 (see page 29)
8
LED 1
Open
drain
output
Port 1 LED indication – active low ('0' = LED on). See
.
Table 22 (see page 29)
9
PORT_SENSE0
Analog
input
Sense resistor port input (connected to 0.36 Ω, 1% resistor to QGND with ~6 mΩ
trace for measurements accuracy).
10
VPORT_NEG0
Analog
I/O
Negative port output
11
PORT_SENSE1
Analog
input
Sense resistor port input (connected to 0.36 Ω, 1% resistor to QGND with ~6 mΩ
trace for measurements accuracy).
12
VPORT_NEG1
Analog
I/O
Negative port output
13
REG_EN_N/NC
Analog
I/O
An input pin that enables control of the 3.3 V internal regulator. Disables internal
DC
3.3 V regulator in case external 3.3 V is used to supply the chip.
DC
DC
If connected to GND or unconnected, internal regulator is enabled. If connected to
3.3 V , internal regulator is disabled.
DC
14
NC
Analog
I/O
A test pin used only during production. Keep unconnected.
15
VMAIN
Power
Supplies voltage for the internal analog circuitry. A 1 µF (or higher) low ESR bypass
capacitor, connected to AGND, should be placed as close as possible to this pin
through low resistance traces.
16
VAUX5
Power
Regulated 5 V output voltage source, needs to be connected to a filtering capacitor
DC
of 4.7 µF or higher.
If an external NPN is used to regulate the voltage, connect this pin to the emitter (the
collector should be connected to V
).
MAIN
17
DRV_VAUX5
Power
Driven outputs for 5 V external regulations. In case internal regulation is used,
DC
connect to pin 16.
In case an external NPN is used to regulate the voltage, connect this pin to the Base.
18
AGND
Power
Analog ground
19
VAUX3P3_INT
Power
In case internal 3.3 V regulator is used, connected to V
(pin 20).
DC
AUX3P3
In case external 3.3 V regulator is used, connect to VAUX5 (pin 16).
DC
20
VAUX3P3
Power
Regulated 3.3 V output voltage source. A 4.7 μF or higher filtering capacitor should
DC
be connected between this pin and AGND.
When an external 3.3 V regulator is used, connect it to this pin to supply the chip.
DC
21
QGND
Power
Quiet analog ground
22
IREF
Analog
input
A reference resistor pin. A 30.1 kΩ, 1% resistor should be connected between this pin
and QGND.
23
TRIM
Test
input
Trimming input for IC production. Should be connected to V
.
AUX3P3
24
MAX_LED
Open
drain
output
MAX LED analog output. Indicates the device has exceeded maximum power budget.
See
.
Table 22 (see page 29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com