Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69104B1/F Datasheet(PDF) 31 Page - Microsemi Corporation

Part # PD69104B1/F
Description  4-Port PoE Manager
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69104B1/F Datasheet(HTML) 31 Page - Microsemi Corporation

Back Button PD69104B1/F Datasheet HTML 27Page - Microsemi Corporation PD69104B1/F Datasheet HTML 28Page - Microsemi Corporation PD69104B1/F Datasheet HTML 29Page - Microsemi Corporation PD69104B1/F Datasheet HTML 30Page - Microsemi Corporation PD69104B1/F Datasheet HTML 31Page - Microsemi Corporation PD69104B1/F Datasheet HTML 32Page - Microsemi Corporation PD69104B1/F Datasheet HTML 33Page - Microsemi Corporation PD69104B1/F Datasheet HTML 34Page - Microsemi Corporation PD69104B1/F Datasheet HTML 35Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
4-Port PoE Manager
Microsemi Proprietary and Confidential. PD69104B1/F Datasheet Revision 2.0
28
startup mechanism.
During this period current is limited to 425 mA for a typical duration of 65 ms. This enables the PD load
to charge and to enter a steady state power condition.
7.5
Over-Load Detection and Port Shut Down
After power up, PD69104B1/F automatically initializes its internal protection mechanisms. These
mechanisms are utilized to monitor and disconnect the power from the load in case of an extreme
conditions scenario. Scenarios such as over-current or short ports terminals, as specified in the IEEE
802.3AF/AT standard.
7.6
Disconnect Detection
PD69104B1/F supports the DC Disconnect function as per the IEEE 802.3AF/AT standard.
This mechanism continuously monitors the load current and disconnects the power in case it drops
below 7.5 mA (typical) for more than 322 ms.
7.7
Over-temperature Protection
PD69104B1/F has internal temperature sensors that continuously monitor the junction temperature and
set alarm bit when exceeds 120 °C or disconnect load power when it exceeds 200 °C. This mechanism
protects the device from extreme events, such as high ambient temperature or other thermo-
mechanical failures that may damage the PD69104B1/F device.
The Alarm threshold can be set by register.
7.8
V MAIN Out of Range Protection
The PD69104B1/F automatically disconnects the ports power when V
exceeds 58.5 V threshold (with
main
180 mV hysteresis) or drops below 40 V threshold (with 180 mV hysteresis). This extremely valuable
feature protects the load in case the main power source is faulty or damaged.
7.9
Serial EEPROM Load Mechanism
The PD69104B1/F is capable of loading its registers values from an external serial EEPROM during a boot
slot time.
To utilize the EEPROM boot, the COMM_MODE pin must be set to E2PROM_MODE (not connected).
The following is a list of features for the PD69104B1/F device.
MASTER I²C communication.
7 bit addressing
250KHz frequency
EEPROM constant address: 7'hA0
EEPROM must support read byte and read after read
Two repeated transactions in case the EEPROM does not acknowledge the transaction
A FIR filter for glitches cancelling
There are 5 consecutive read transaction (master transactions) made by the PD69104B1/F for reading
data from the EEPROM and uploading it to the PD69104B1/F registers.
The first transaction reads all registers from address 8'h70 to address 8'h9F.
The second transaction reads registers HPEN and HPMD1 (from addresses 8'h44 and 8'h46).
The third transaction reads register HPMD2 (from address 8'h4b).
The fourth transaction reads register HPMD3 (from address 8'h50).
The fifth transaction reads register `mp_hpmd4 (from address 8'h55).
The following illustration shows the read transaction format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com