Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 18 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 18 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 14Page - Microchip Technology WILCS02 Datasheet HTML 15Page - Microchip Technology WILCS02 Datasheet HTML 16Page - Microchip Technology WILCS02 Datasheet HTML 17Page - Microchip Technology WILCS02 Datasheet HTML 18Page - Microchip Technology WILCS02 Datasheet HTML 19Page - Microchip Technology WILCS02 Datasheet HTML 20Page - Microchip Technology WILCS02 Datasheet HTML 21Page - Microchip Technology WILCS02 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 18
• A low-impedance ground plane for the WILCS02 Module ensures the best radio performance
(best range and lowest noise). The ground plane can be extended beyond the minimum
recommendation as required for the host board Electro-Magnetic Compatibility (EMC) and noise
reduction.
• For the best performance, keep metal structures and components (such as mechanical spacers,
bump-on and so on) at least 31.75 mm away from the PCB trace antenna as illustrated in the
following figure.
• The antenna on the WILCS02 Module must not be placed in direct contact with or in close
proximity to plastic casing or objects. Keep a minimum clearance of 10 mm in all directions
around the PCB antenna as illustrated in the following figure. Keeping metallic and plastic objects
close to the antenna can detune the antenna and reduce the performance of the device.
• Exposed GND pads on the bottom of the WILCS02 Module must be soldered to the host board
(see the Example of Host Board on Top Layer figure in the WILCS02 Module Routing Guidelines from
Related Links).
• A PCB cutout or a copper keepout is required under the RF test point (see WILCS02 Module
Packaging Information from Related Links).
• Copper keepout areas are required on the top layer under voltage test points (see WILCS02
Module Packaging Information from Related Links).
• Alternatively, the entire region, except the exposed ground paddle, can be solder-masked.
The following figure illustrates the examples of WILCS02 Module placement on a host board with a
ground plane. Refer to the following figure for placement-specific guidance.
Figure 2-10. Module Placement Guidelines
5.3 mm
15.73 mm
Host PCB Ground Plane
No Copper Region
Edge of Host PCB Ground Plane
Module PCB Edge
31.75 mm (keepout clearance region)
for all metallic and plastic structures
around the antenna. Refer to antenna-
specific details of the respective antenna.
The following figure illustrates the examples of the WILCS02 Module placement on a host board
with a ground plane. Refer to Figure 2-10 for placement-specific guidance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com