Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 61 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 61 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 57Page - Microchip Technology WILCS02 Datasheet HTML 58Page - Microchip Technology WILCS02 Datasheet HTML 59Page - Microchip Technology WILCS02 Datasheet HTML 60Page - Microchip Technology WILCS02 Datasheet HTML 61Page - Microchip Technology WILCS02 Datasheet HTML 62Page - Microchip Technology WILCS02 Datasheet HTML 63Page - Microchip Technology WILCS02 Datasheet HTML 64Page - Microchip Technology WILCS02 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 61
less than), with similar in-band and out-of band characteristics (refer to specification sheet for cutoff
frequencies).
For the WILCS02PE, the approval is received using the integral PCB antenna.
For the WILCS02UE, approved antennas are listed in the WILCS02 Module Approved External
Antenna.
5.1.4
Helpful Web Sites
• Federal Communications Commission (FCC): www.fcc.gov.
• FCC Office of Engineering and Technology (OET) Laboratory Division Knowledge Database (KDB)
apps.fcc.gov/oetcf/kdb/index.cfm.
5.2
Canada
The WILCS02PE/WILCS02UE modules have been certified for use in Canada under Innovation,
Science and Economic Development Canada (ISED, formerly Industry Canada) Radio Standards
Procedure (RSP) RSP-100, Radio Standards Specification (RSS) RSS-Gen and RSS-247. Modular
approval permits the installation of a module in a host device without the need to recertify the
device.
5.2.1
Labeling and User Information Requirements
Labeling Requirements (from RSP-100 - Issue 12, Section 5): The host product shall be properly
labeled to identify the module within the host device.
The Innovation, Science and Economic Development Canada certification label of a module shall be
clearly visible at all times when installed in the host device; otherwise, the host product must be
labeled to display the Innovation, Science and Economic Development Canada certification number
of the module, preceded by the word “Contains” or similar wording expressing the same meaning,
as follows:
For the WILCS02PE module
Contains IC: 20266-WIXCS02
For the WILCS02UE module
Contains IC: 20266-WIXCS02U
User Manual Notice for License-Exempt Radio Apparatus (from Section 8.4 RSS-Gen, Issue 5,
February 2021): User manuals for license-exempt radio apparatus shall contain the following or
equivalent notice in a conspicuous location in the user manual or alternatively on the device or both:
This device contains license-exempt transmitter(s)/receiver(s) that comply with Innovation, Science and Economic
Development Canada’s license-exempt RSS(s). Operation is subject to the following two conditions:
(1) This device may not cause interference;
(2) This device must accept any interference, including interference that may cause undesired operation of the
device.
L’émetteur/récepteur exempt de licence contenu dans le présent appareil est conforme aux CNR d’Innovation,
Sciences et Développement économique Canada applicables aux appareils radio exempts de licence. L’exploitation
est autorisée aux deux conditions suivantes:
1. L’appareil ne doit pas produire de brouillage;
2. L’appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est susceptible d’en
compromettre le fonctionnement.
Transmitter Antenna (From Section 6.8 RSS-GEN, Issue 5, February 2021): User manuals, for
transmitters shall display the following notice in a conspicuous location:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com