Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 11 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 11 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 7Page - Microchip Technology WILCS02 Datasheet HTML 8Page - Microchip Technology WILCS02 Datasheet HTML 9Page - Microchip Technology WILCS02 Datasheet HTML 10Page - Microchip Technology WILCS02 Datasheet HTML 11Page - Microchip Technology WILCS02 Datasheet HTML 12Page - Microchip Technology WILCS02 Datasheet HTML 13Page - Microchip Technology WILCS02 Datasheet HTML 14Page - Microchip Technology WILCS02 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 11
Table 2-1. WILCS02IC Pinout Table (continued)
Pin Number
Pin Name
Pin Type
Description
Notes: 
1. Refer to the reference design package for exact pin mapping and signal connection.
2. Do not connect any external 1.5V supply.
3. The WILCS02IC can support either RTCC_OSC_IN or PTA_BT_ACTIVE functionality at a time, so either RTCC or PTA feature
can be used.
4. Current firmware does not support the Real Time Clock Calendar (RTCC) Oscillator function; it is recommended to have
an option to mount the RTCC Oscillator in the design to upgrade with the future version of firmware releases.
5. For more details, refer to the WILCS02 Module External Antenna Calibration Guide (DS50003751).
6. Do not leave this pin unconnected. Follow as described in the Pin Description column for future upgrade.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com