Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 63 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 63 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 59Page - Microchip Technology WILCS02 Datasheet HTML 60Page - Microchip Technology WILCS02 Datasheet HTML 61Page - Microchip Technology WILCS02 Datasheet HTML 62Page - Microchip Technology WILCS02 Datasheet HTML 63Page - Microchip Technology WILCS02 Datasheet HTML 64Page - Microchip Technology WILCS02 Datasheet HTML 65Page - Microchip Technology WILCS02 Datasheet HTML 66Page - Microchip Technology WILCS02 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 63
Table 5-1. European Compliance Information
Certification
Standard
Article
Safety
EN 62368
3.1a
Health
EN 62311
EMC
EN 301 489-1
3.1b
EN 301 489-17
Radio
EN 300 328
3.2
The ETSI provides guidance on modular devices in the “Guide to the application of harmonised
standards covering articles 3.1b and 3.2 of the RED 2014/53/EU (RED) to multi-radio and
combined radio and non-radio equipment” document available at http://www.etsi.org/deliver/etsi_eg/
203300_203399/20 3367/01.01.01_60/eg_203367v010101p.pdf.
Note: To maintain conformance to the standards listed in the preceding European Compliance
table, the module shall be installed in accordance with the installation instructions in this data
sheet and shall not be modified. When integrating a radio module into a completed product,
the integrator becomes the manufacturer of the final product and is therefore responsible for
demonstrating compliance of the final product with the essential requirements against the RED.
5.3.1
Labeling and User Information Requirements
The label on the final product that contains the WILCS02PE/WILCS02UE modules must follow CE
marking requirements.
5.3.2
Conformity Assessment
From ETSI Guidance Note EG 203367, section 6.1, when non-radio products are combined with a
radio product:
If the manufacturer of the combined equipment installs the radio product in a host non-radio
product in equivalent assessment conditions (i.e. host equivalent to the one used for the
assessment of the radio product) and according to the installation instructions for the radio product,
then no additional assessment of the combined equipment against article 3.2 of the RED is required.
5.3.2.1 Simplified EU Declaration of Conformity
Hereby, Microchip Technology Inc. declares that the radio equipment type WILCS02PE/WILCS02UE
modules are in compliance with Directive 2014/53/EU.
The full text of the EU declaration of conformity, for this product, is available at www.microchip.com/
design-centers/wireless-connectivity/.
5.3.3
Approved Antenna Types
For the WILCS02PE, approval was received using the integral PCB antenna.
For the WILCS02UE, approved antennas are listed in the WILCS02 Module Approved External
Antenna.
5.3.4
Helpful Websites
A document that can be used as a starting point in understanding the use of Short Range
Devices (SRD) in Europe is the European Radio Communications Committee (ERC) Recommendation
70-03 E, which can be downloaded from the European Communications Committee (ECC) at:
docdb.cept.org/.
Additional helpful web sites are:
• Radio Equipment Directive (2014/53/EU):
https://ec.europa.eu/growth/single-market/european-standards/harmonised-standards/red_en
• European Conference of Postal and Telecommunications Administrations (CEPT):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com