Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 65 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 65 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 61Page - Microchip Technology WILCS02 Datasheet HTML 62Page - Microchip Technology WILCS02 Datasheet HTML 63Page - Microchip Technology WILCS02 Datasheet HTML 64Page - Microchip Technology WILCS02 Datasheet HTML 65Page - Microchip Technology WILCS02 Datasheet HTML 66Page - Microchip Technology WILCS02 Datasheet HTML 67Page - Microchip Technology WILCS02 Datasheet HTML 68Page - Microchip Technology WILCS02 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 65
The WILCS02PE/WILCS02UE modules are labeled with its own KC mark. The final product requires the KC mark and
certificate number of the module:
WILCS02PE/WILCS02UE module
R-R-mcp-WIXCS02
5.5.2
Helpful Websites
• Korea Communications Commission (KCC): www.kcc.go.kr.
• National Radio Research Agency (RRA): rra.go.kr.
5.6
Taiwan
The WILCS02PE/WILCS02UE modules have received compliance approval in accordance with the
Telecommunications Act. Customers seeking to use the compliance approval in their product should
contact Microchip Technology sales or distribution partners to obtain a Letter of Authority.
Integration of this module into a final product does not require additional radio certification
provided installation instructions are followed and no modifications of the module are allowed.
5.6.1
Labeling and User Information Requirements
For the WILCS02PE/WILCS02UE modules, due to the limited module size, the NCC mark and ID are displayed in the data
sheet only and cannot be displayed on the module label:
WILCS02PE module
CCAN24Y11104T0
WILCS02UE module
CCAN24Y11114T3
The user's manual should contain following warning (for RF device) in traditional Chinese:
根據
NCC LP0002 低功率射頻器材技術規範_章節 3.8.2:
取得審驗證明之低功率射頻器材,非經核准,公司、商號或使用者均不得擅自變更頻率、加大功率或變更
原設計之特性及功能。
低功率射頻器材之使用不得影響飛航安全及干擾合法通信;經發現有干擾現象時,應立即停用,並改善至
無干擾時方得繼續使用。
前述合法通信,指依電信管理法規定作業之無線電通信。
低功率射頻器材須忍受合法通信或工業、科學及醫療用電波輻射性電機設備之干擾。
此模組於取得認證後將依規定於模組本體標示審驗合格標籤,並要求平台廠商於平台上標示本產品內含發
射器模組
5.6.2
Helpful Web Sites
National Communications Commission (NCC): www.ncc.gov.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com