Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 69 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 69 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 63Page - Microchip Technology WILCS02 Datasheet HTML 64Page - Microchip Technology WILCS02 Datasheet HTML 65Page - Microchip Technology WILCS02 Datasheet HTML 66Page - Microchip Technology WILCS02 Datasheet HTML 67Page - Microchip Technology WILCS02 Datasheet HTML 68Page - Microchip Technology WILCS02 Datasheet HTML 69Page - Microchip Technology WILCS02 Datasheet HTML 70Page - Microchip Technology WILCS02 Datasheet HTML 71Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 69 / 71 page
background image
WILCS02IC and WILCS02 Family
Document Revision History
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 69
7.
Document Revision History
The revision history describes the changes that were implemented in the document. The changes
are listed by revision, starting with the most current publication.
Table 7-1. Document Revision History
Revision Date
Section
Description
C
03/2025 WILCS02IC and WILCS02 Module
Features
Added compatibility for Wi-Fi® 6/7 2.4 GHz band
Device Overview
Updated “WILCS02 Module Block Diagram”
Basic Connection Requirement
Updated “WILCS02 Module Basic Connection and Interface
Diagram”
Pin Details of WILCS02IC, Pin Details of
WILCS02 Module
Updated the pin description
SDIO Controller and SDIO-SPI AC Timing
Specifications
Updated the section and figure title
External Antennas
Updated “WILCS02 Module Approved External Antenna List
with Antenna Gain” table
Appendix A: Regulatory Approval, Japan,
Korea, Taiwan
Added regulatory approval details for Japan, Korea and
Taiwan
B
09/2024 Document
Updated document title as “WILCS02 Family Data Sheet”
Introduction
Removed support for the voltage range of 1.8-3.6V
Editorial updates
WILCS02IC and WILCS02 Module
Features
Removed hardware based low power modes
Removed 1.8-3.6V operating voltage for IC and Module
Editorial updates
WILCS02IC Ordering Information
Added note for Tray packing
Updated Figure 1-1 for packaging Tray/Tape&Reel
WILCS02 Module Ordering Information
Updated ordering code in Table 1-2
Updated Figure 1-2 for packaging Tray/Tape&Reel
Added note for Tray packing
Device Overview
Updated Figure 2-1
Pin Details of WILCS02IC
Updated Figure 2-2 to top view
Updated Table 2-1
Updated Table 2-1 notes
Pin Details of WILCS02 Module
Updated Figure 2-3
Updated Table 2-2
Updated Table 2-2 notes
Basic Connection Requirement
Updated Figure 2-4
Removed Configuration Details table
Power Supply Pin
Updated Figure 2-5
Updated content as per the modified Figure 2-5
Device Firmware Update
Updated Figure 2-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com