Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 28 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 28 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 24Page - Microchip Technology WILCS02 Datasheet HTML 25Page - Microchip Technology WILCS02 Datasheet HTML 26Page - Microchip Technology WILCS02 Datasheet HTML 27Page - Microchip Technology WILCS02 Datasheet HTML 28Page - Microchip Technology WILCS02 Datasheet HTML 29Page - Microchip Technology WILCS02 Datasheet HTML 30Page - Microchip Technology WILCS02 Datasheet HTML 31Page - Microchip Technology WILCS02 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 28
• Do not exceed a peak temperature (TP) of 250°C.
• For specific reflow profile recommendations from the vendor, refer to the Solder Paste Data Sheet.
• Use no-clean flux solder paste.
• Do not wash as moisture can be trapped under the shield.
• Use only one flow. If the PCB requires multiple flows, apply the module on the final flow.
2.8.1
Cleaning
The exposed GND pad helps to self-align the module, avoiding pad misalignment. The
recommendation is to use the no clean solder pastes. Ensure full drying of no-clean paste fluxes as
a result of the reflow process. As per the recommendation by the solder paste vendor, this requires
longer reflow profiles and/or peak temperatures toward the high end of the process window. The
uncured flux residues can lead to corrosion and/or shorting in accelerated testing and possibly the
field.
2.9
WILCS02 Module Assembly Considerations
The WILCS02 Module is assembled with an Electro-Magnetic Interference (EMI) shield to ensure
compliance with EMI emission and immunity rules. The EMI shield is made of a tin-plated steel
(SPTE) and is not hermetically sealed. Solutions like IPA and similar solvents can be used to clean the
WILCS02 Module. However, do not use the cleaning solutions that contain acid on the module.
2.9.1
Conformal Coating
The modules are not intended for use with a conformal coating, and the customer assumes all risks
(such as the module reliability, performance degradation and so on) if a conformal coating is applied
to the modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com