Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 1 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 1 Page - Microchip Technology

  WILCS02 Datasheet HTML 1Page - Microchip Technology WILCS02 Datasheet HTML 2Page - Microchip Technology WILCS02 Datasheet HTML 3Page - Microchip Technology WILCS02 Datasheet HTML 4Page - Microchip Technology WILCS02 Datasheet HTML 5Page - Microchip Technology WILCS02 Datasheet HTML 6Page - Microchip Technology WILCS02 Datasheet HTML 7Page - Microchip Technology WILCS02 Datasheet HTML 8Page - Microchip Technology WILCS02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 71 page
background image
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 1
Introduction
The WILCS02IC is a single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution with integrated High Power
Amplifier (HPA), Low-Noise Amplifier (LNA) and Radio Frequency (RF) switches for TX/RX control. It is a Link
Controller IC with a hardware-based security accelerator.
The WILCS02 is a fully RF and Wi-Fi Alliance®-certified wireless module based on the WILCS02IC. The device
provides Secure Digital Input Output (SDIO) or Serial Peripheral Interface (SPI) to interface with the host
controller.
The WILCS02IC and WILCS02 Module operates at a single supply voltage VDD and VDDIO (3.3V typical).
The WILCS02 Module is available with either an on-board Printed Circuit Board (PCB) antenna or U.FL connector
for an external antenna.
Note: The WILCS02IC must be programmed with the appropriate Link Controller firmware version to meet the
specification described in the data sheet.
WILCS02IC and WILCS02 Module Features
• IEEE 802.11 b/g/n, Single Stream (1x1) 20 MHz Bandwidth WLAN Link
– Compatible with Wi-Fi® 6/7 2.4 GHz band
• Protected Management Frame (PMF) Handled in Hardware, WPA3 Support
• Integrated Power Amplifier (PA), TX/RX Switch and Power Management
• Internal Flash Memory (Up to 2 MB) to Store Firmware
• Immutable Secure Boot with Hardware Root of Trust
• Supports Host-Assisted Firmware Side-Loading
• Hardware-Based IEEE 802.15.2 Compliant Three-Wire Packet Traffic Arbitration (PTA) Interface for Wi-Fi/
Bluetooth® Coexistence(2)
• SDIO or SPI (SDIO Based SPI; SDIO-SPI) Host Interface on a Supported Linux Host System
• Secure Device Firmware Upgrade (DFU)
Security
• Hardware-Accelerated Security Modes (CryptoMaster) with Built-in Direct Memory Access (DMA) Support
– Encryption engines (Advanced Encryption Standard (AES) and Triple Data Encryption Standard (TDES)
with different NIST modes of operation):
• Modes – Electronic Code Book (ECB), Cypher Block Chaining (CBC), Counter Mode (CTR), Cypher
Feedback Mode (CFB) and Output Feedback Mode (OFB)
• AES key sizes: 128b, 192b and 256b
– Authentication engines:
• SHA-1 and SHA-2
www.microchip.com Product Pages:
WILCS02IC, WILCS02PE, WILCS02UE
WILCS02 Family Data Sheet
WILCS02IC and WILCS02 Family


Similar Part No. - WILCS02

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
WILC1000 ATMEL-WILC1000_14 Datasheet
438Kb / 28P
Single Chip IEEE 802.11 b/g/n Link Controller SOC
More results

Similar Description - WILCS02

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MRF24WG0MA MICROCHIP-MRF24WG0MA_12 Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
2012 11/29/11
MRF24WN0MA MICROCHIP-MRF24WN0MA Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
logo
Cypress Semiconductor
CYW43364 CYPRESS-CYW43364 Datasheet
5Mb / 68P
Single-band 2.4 GHz IEEE 802.11b/g/n
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
logo
Microchip Technology
MRF24WG0MA MICROCHIP-MRF24WG0MA Datasheet
657Kb / 38P
MRF24WG0MA/MB Data Sheet 2.4 GHz IEEE 802.11b/g?
11/29/11
RN1810 MICROCHIP-RN1810_17 Datasheet
1Mb / 34P
2.4 GHz IEEE 802.11b/g/n Wireless Module
11/07/16
logo
Realtek Semiconductor C...
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
Broadcom Corporation.
BCM5356 BOARDCOM-BCM5356 Datasheet
142Kb / 2P
IEEE 802.11b/g and SINGLE-STREAM IEEE 802.11n 2.4 GHz ROUTER WITH ACCELERANGE™ TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com