Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 66 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 66 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 62Page - Microchip Technology WILCS02 Datasheet HTML 63Page - Microchip Technology WILCS02 Datasheet HTML 64Page - Microchip Technology WILCS02 Datasheet HTML 65Page - Microchip Technology WILCS02 Datasheet HTML 66Page - Microchip Technology WILCS02 Datasheet HTML 67Page - Microchip Technology WILCS02 Datasheet HTML 68Page - Microchip Technology WILCS02 Datasheet HTML 69Page - Microchip Technology WILCS02 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 66
5.7
UKCA (UK Conformity Assessed)
The WILCS02PE/WILCS02UE Module is a UK conformity assessed radio module that meets all the
essential requirements according to CE RED requirements.
5.7.1
Labeling Requirements for Module and User’s Requirements
The label on the final product that contains the WILCS02PE/WILCS02UE Module must follow UKCA
marking requirements.
The UKCA mark above is printed on the module itself or on the packing label.
Additional details for the label requirement are available at:
https://www.gov.uk/guidance/using-the-ukca-marking#check-whether-you-need-to-use-the-new-
ukca-marking.
5.7.2
UKCA Declaration of Conformity
Hereby, Microchip Technology Inc. declares that the radio equipment type the WILCS02PE/
WILCS02UE modules are in compliance with the Radio Equipment Regulations 2017. The full text
of the UKCA declaration of conformity for this product is available (under Documents > Certifications)
at: www.microchip.com/en-us/product/WILCS02.
5.7.3
Approved Antennas
The testing of the WILCS02PE/WILCS02UE Module was performed with the antennas listed in
WILCS02 Module Approved External Antenna.
5.7.4
Helpful Websites
For more information on the UKCA regulatory approvals, refer to the www.gov.uk/guidance/placing-
manufactured-goods-on-the-market-in-great-britain.
5.8
Other Regulatory Information
• For information about other countries' jurisdictions not covered here, refer to the
www.microchip.com/design-centers/wireless-connectivity/certifications.
• Should other regulatory jurisdiction certification be required by the customer, or the customer
needs to recertify the module for other reasons, contact Microchip for the required utilities and
documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com