Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 35 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 35 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 31Page - Microchip Technology WILCS02 Datasheet HTML 32Page - Microchip Technology WILCS02 Datasheet HTML 33Page - Microchip Technology WILCS02 Datasheet HTML 34Page - Microchip Technology WILCS02 Datasheet HTML 35Page - Microchip Technology WILCS02 Datasheet HTML 36Page - Microchip Technology WILCS02 Datasheet HTML 37Page - Microchip Technology WILCS02 Datasheet HTML 38Page - Microchip Technology WILCS02 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 35
3.1.6.2 WILCS02IC Transmitter Performance
Table 3-13. WILCS02IC Transmitter Performance Characteristics
RF Characteristics
Standard Operating Conditions: VDD=VDDIO= 3.0V to
3.6V (unless otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
Param.
No.
Characteristics
Description(8)
Min.
Typ(3)
Max.
Units
WF_TX_1 Frequency
2412
2472
MHz
WF_TX_2 Output power(1)(2) 802.11b
1 Mbps DSSS(9)
19
dBm
2 Mbps DSSS
19
5.5 Mbps CCK
20
11 Mbps CCK
20
WF_TX_3 Output power(1)(2) 802.11g
6 Mbps OFDM
19
dBm
9 Mbps OFDM
19
12 Mbps OFDM
19
18 Mbps OFDM
19
24 Mbps OFDM
19
36 Mbps OFDM
18
48 Mbps OFDM
17.5
54 Mbps OFDM(9)
17
WF_TX_4 Output power(1)(2) 802.11n
(Bandwidth at 20 MHz)
MCS 0
18
dBm
MCS 1
18
MCS 2
18
MCS 3
17.5
MCS 4
17.5
MCS 5
17
MCS 6
17
MCS 7(9)
17
WF_TX_5 Transmit Power Control (TPC)
accuracy
±2(2)
dB
WF_TX_6 Harmonic output power
(Radiated, Regulatory mode)
2nd
42
74(7)
dBuV/m
3rd
Below noise floor
74(7)
Notes: 
1. Measured at IEEE® 802.11 specification compliant EVM/Spectral mask
2. Measured after RF matching network (assume 50Ω impedance)
3. RF performance is ensured at 3.3V, 25°C, with a 2-3 dB change at boundary conditions.
4. With respect to TX power, different (higher/lower) RF output power settings can be used for specific antennas and/or
enclosures, in which case, recertification can be required. Program the custom gain table to control the transmit power
using the MCHPRT3 tool.
5. The availability of some specific channels and/or operational frequency bands are country-dependent and must be
programmed in the host product at the factory to match the intended destination. Regulatory bodies prohibit exposing
the settings to the end user. This requirement needs to be taken care of via host implementation.
6. The host product manufacturer must ensure that the RF behavior adheres to the certification (for example, FCC, ISED)
requirements when the module is installed in the final host product.
7. FCC Radiated Emission limits (Restricted Band)
8. This parameter is characterized but not tested in manufacturing.
9. This parameter is characterized and tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com