Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 21 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 21 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 17Page - Microchip Technology WILCS02 Datasheet HTML 18Page - Microchip Technology WILCS02 Datasheet HTML 19Page - Microchip Technology WILCS02 Datasheet HTML 20Page - Microchip Technology WILCS02 Datasheet HTML 21Page - Microchip Technology WILCS02 Datasheet HTML 22Page - Microchip Technology WILCS02 Datasheet HTML 23Page - Microchip Technology WILCS02 Datasheet HTML 24Page - Microchip Technology WILCS02 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 21
Table 2-3. PCB Antenna Specification for WILCS02 Module
Parameter
Specification
Operating frequency
2400-2485 MHz
Peak gain
1.18 dBi at 2445 MHz
Efficiency (average)
68.83%1
Note: 
1. The size of the WILCS02 Wi-Fi® Link Controller SD Board is 85 mm x 40 mm. The antenna efficiency will improve with
larger ground plane baseboards. If the best case routing guidelines are followed on a larger ground plane application
board, the efficiency will be better.
PCB Antenna Radiation Pattern
The following figure illustrates the module orientation in the measurement system for the PCB
antenna radiation pattern.
Figure 2-13. Module Orientation for Radiation Pattern Measurement
Z+
Y+
X+
Vertical Cut at
Phi = +90°
Vertical Cut at
Phi = 0°
Horizontal Cut at
Theta = 90°
3D Antenna Radiation Pattern
The following figures illustrate the 3D cross section of the antenna radiation pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com