Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 14 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 14 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 10Page - Microchip Technology WILCS02 Datasheet HTML 11Page - Microchip Technology WILCS02 Datasheet HTML 12Page - Microchip Technology WILCS02 Datasheet HTML 13Page - Microchip Technology WILCS02 Datasheet HTML 14Page - Microchip Technology WILCS02 Datasheet HTML 15Page - Microchip Technology WILCS02 Datasheet HTML 16Page - Microchip Technology WILCS02 Datasheet HTML 17Page - Microchip Technology WILCS02 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 14
Table 2-2.
WILCS02 Module Pinout Table (continued)
Pin Number
Pin Name
Pin Type
Pin Description
19
SD_CLK/UART1_RX(4)
I
SDIO, Clock
Connect to the SDIO clock of the host device.
Used for external antenna calibration
Connect this signal to a test point or a pin header.
20
VDD
P
VDD power supply (3.0-3.6V)
21
RTCC_OSC_IN/
PTA_BT_ACTIVE(1)(3)
I
32.768 KHz RTCC Oscillator input
PTA interface, Bluetooth Coexistence device active indication
input to WILCS02
22
RTCC_OSC_OUT(3)
O
32.768 KHz RTCC Oscillator output
23
VDDIO
P
I/O power supply (3.0-3.3V)
24
TP
P
PMU Output Test point: 1.5V(2)
25
NC
No connection
26
DFU_TX/STRAP2
O
Device Firmware Update, transmit signal
I
Host interface configuration, Strapping2 pin. Connect to a
pulled-high resistor of 10K for future upgrades.
27
UART2_TX
O
UART2 transmit signal for the firmware log.
UART setting: 460,800 baud, 8N1 and no flow control
28
GND
P
Ground
29
GND Paddle
P
Thermal ground paddle
Notes: 
1. The WILCS02 Module can support either RTCC_OSC_IN or PTA_BT_ACTIVE functionality at a time, so, either the RTCC or
PTA feature can be used.
2. Do not connect any external 1.5V supply.
3. Current firmware does not support the RTCC Oscillator function; it is recommended to have an option to mount the
RTCC Oscillator in the design to upgrade with the future version of firmware releases.
4. For more details, refer to the WILCS02 Module External Antenna Calibration Guide (DS50003751)
5. Do not leave this pin unconnected. Follow as described in the Pin Description column for future upgrades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com