Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 15 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 15 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 11Page - Microchip Technology WILCS02 Datasheet HTML 12Page - Microchip Technology WILCS02 Datasheet HTML 13Page - Microchip Technology WILCS02 Datasheet HTML 14Page - Microchip Technology WILCS02 Datasheet HTML 15Page - Microchip Technology WILCS02 Datasheet HTML 16Page - Microchip Technology WILCS02 Datasheet HTML 17Page - Microchip Technology WILCS02 Datasheet HTML 18Page - Microchip Technology WILCS02 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
WILCS02IC and WILCS02 Family
Device Overview
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 15
2.3
Basic Connection Requirement
The WILCS02 Module requires attention to a minimal set of device pin connections before
proceeding with development.
Figure 2-4. WILCS02 Module Basic Connection and Interface Diagram
GND
VDD
GND
VDD
10k
R7
VDD
0.1uF
C4
GND
RESET
INTOUT
PTA_BT_ACTIVE
GND
PTA_WLAN_ACTIVE
PTA_BT_PRIO
1V5
TP1
UART2_TX
VDD
0.1uF
C2
4.7uF
C1
GND
GND
0R
R11
GND
32.768kHz
Y1
GND
18pF
C5
18pF
C6
0R
R9
0R
R8
DNP
DNP
0R
R10
SD_DATA0/SPI_SDO
SD_DATA1/SPI_CS
SD_DATA3/UART1_TX
SD_CMD/SPI_CLK
U1_RX
TP3
U1_TX
TP2
GND
RESET
1
2
3
4
5
6
J1
1x6_Header
DFU_RX/STRAP1
DFU_TX/STRAP2
RESET
I/O
DNP
DNP
DNP
10K
DNP
R3
100K
R4
10K
DNP
R1
100K
R2
WILCS02_MODULE
NC
1
RESERVED
2
RESERVED
3
MCLR
4
PTA_WLAN_ACTIVE
5
PTA_BT_PRIO
6
RESERVED
7
NC
8
DFU_RX/STRAP1
10
RESERVED
11
INTOUT
13
SD_DATA3/UART1_TX
14
SD_DATA2/SDI1
15
SD_DATA1/CS1
16
SD_DATA0/SDO1
17
SD_CMD/SCK1
18
SD_CLK/UART1_RX
19
RTCC_OSC_IN/PTA_BT_ACTIVE
21
RTCC_OSC_OUT
22
TP
24
NC
25
DFU_TX/STRAP2
26
UART2_TX
27
U1
SD_CLK/UART1_RX
SD_DATA2/SPI_SDI
5
SW1
0.1uF
C3
10k
R6
0R
R5
VDD
GND
GND
DNP
DNP
DNP
DNP
NOTE on UART1:
U1_TX and U1_RX will be required for External
antenna calibration for some antennas
NOTE on Strap pins for Host Interface Selection:
Strap1: Pull low for SDIO; Pull high for SPI
Strap2: Recommended to pull high for future upgrades
NOTE on UART2: For printing
Firmware Debug Logs
NOTE on TP Test Point: 1.5V
Output from PMU; To confirm
internal PMU is working fine
NOTE on PTA: For coexistance
with a Bluetooth Device
NOTE on Supply Pins:
2 supply pins VDD &
VDDIO (3 - 3.6V)
NOTE on Host Interface:
SDIO/SPI can be chosen as the
host interface based on Strap1 &
2 Pin configurations
NOTE on RTCC OSC: RTCC OSC
can be used if coexistance with
Bluetooth device is not a
requirement for end application
NOTE on DFU: For Device Firmware Update.
Add a 2.54mm pitch 1x6 male header to use
with a standard USB to UART converter cable
for DFU; Otherwise, Add test points only for
the 4 required signals
NOTE on User Button:
Placeholder for User Button
recommended for future use
2.3.1
Power Supply Pin
It is recommended to add a bulk and a decoupling capacitor at the input supply Pin 20 (VDD), Pin 23
(VDDIO) and GND of the WILCS02 Module.
Figure 2-5. Recommended Module Power Supply Connections
VDD
VDDIO
WILCS02
0.1 µF
4.7 µF
GND
C1
C2
4.7 µF
C1
GND
0.1 µF
GND
C3
The value of the C1, C2 and C3 capacitors may vary based on the application requirements and
source of supply voltage. The C1, C2 and C3 capacitors must be placed close to the pin.
2.3.2
Master Clear (MCLR) Pin
The MCLR pin works as a device Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com