Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 30 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 30 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 26Page - Microchip Technology WILCS02 Datasheet HTML 27Page - Microchip Technology WILCS02 Datasheet HTML 28Page - Microchip Technology WILCS02 Datasheet HTML 29Page - Microchip Technology WILCS02 Datasheet HTML 30Page - Microchip Technology WILCS02 Datasheet HTML 31Page - Microchip Technology WILCS02 Datasheet HTML 32Page - Microchip Technology WILCS02 Datasheet HTML 33Page - Microchip Technology WILCS02 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
WILCS02IC and WILCS02 Family
Electrical Specifications
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 30
Table 3-2. Thermal Operating Conditions (continued)
Rating
Symbol
Min.
Typ
Max.
Unit
Note: 
1. Junction temperature can exceed 125°C under these ambient conditions.
Table 3-3. Thermal Packaging Characteristics
Characteristics
Symbol
Typ
Max.
Unit
Thermal resistance, 48-pin VQFN (7 mm x 7 mm x 0.9 mm) package ϴJA
21
°C/W
Note: Junction-to-ambient thermal resistance, ϴJA numbers are based on JEDEC 2S2P achieved by package simulations.
Table 3-4. Recommended Operating Voltages
Param.
No.
Symbol
Characteristics
Min.
Typ.
Max.
Unit
Conditions
DC_1
VDD
VDD voltage range
3
3.3
3.6
V
DC_4
VDDIO
VDDIO voltage range
3
3.3
3.6
V
DC_7
GND
Common EDP ground
reference
VSS
VSS
VSS
V
3.1.3
Maximum Clock Frequencies AC Electrical Specifications
Table 3-5. Maximum Clock Frequencies AC Electrical Specifications
AC Characteristics
Standard Operating Conditions: VDD =
VDDIO = 3.0V to 3.6V (unless otherwise
stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No.
Symbol
Characteristics
Max.
Units
FCLK_1
FCY
Frequency of system clock
80
MHz
Note: By default, the device runs at maximum frequency.
3.1.4
WILCS02IC DC Characteristics
3.1.4.1 I/O Pin DC Electrical Specifications
Table 3-6. I/O Pin DC Electrical Specifications
DC Characteristics
Standard Operating Conditions: VDD = VDDIO = 3.0V to 3.6V (unless
otherwise stated)
Operating Temperature:
-40°C ≤ TA ≤ +85°C for Industrial
-40°C ≤ TA ≤ +105°C for V-temp
Param. No. Symbol
Characteristics
Min.
Typ.
(1)
Max.
Units Conditions
DI_1
VIL
Input low voltage I/O
pins
GND
0.2*VDDIO
V
DI_3
VIH
Input high voltage
non-5V tolerant I/O
pins
0.8*VDDIO
VDDIO
V
DI_5
VOL
Output low voltage
0.4
V
VDDIO = 3.3V at IOL
≦ 10 mA
DI_9
VOH
Output high voltage
2.4
V
VDDIO = 3.3V at IOH
≦ 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com