Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WILCS02 Datasheet(PDF) 60 Page - Microchip Technology

Part # WILCS02
Description  single chip 2.4 GHz and IEEE 802.11b/g/n-compliant solution
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

WILCS02 Datasheet(HTML) 60 Page - Microchip Technology

Back Button WILCS02 Datasheet HTML 56Page - Microchip Technology WILCS02 Datasheet HTML 57Page - Microchip Technology WILCS02 Datasheet HTML 58Page - Microchip Technology WILCS02 Datasheet HTML 59Page - Microchip Technology WILCS02 Datasheet HTML 60Page - Microchip Technology WILCS02 Datasheet HTML 61Page - Microchip Technology WILCS02 Datasheet HTML 62Page - Microchip Technology WILCS02 Datasheet HTML 63Page - Microchip Technology WILCS02 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
WILCS02IC and WILCS02 Family
Appendix A: Regulatory Approval
 Data Sheet
© 2024-2025 Microchip Technology Inc. and its subsidiaries
DS70005557C - 60
5.1.1
Labeling and User Information Requirements
The WILCS02PE/WILCS02UE modules have been labeled with its own FCC ID number, and if the FCC
ID is not visible when the module is installed inside another device, then the outside of the finished
product into which the module is installed must display a label referring to the enclosed module.
This exterior label must use the following wording:
For the WILCS02PE module
Contains Transmitter Module FCC ID: 2ADHKWIXCS02
or
Contains FCC ID: 2ADHKWIXCS02
This device complies with Part 15 of the FCC Rules. Operation is subject
to the following two conditions: (1) this device may not cause harmful
interference, and (2) this device must accept any interference received,
including interference that may cause undesired operation.
For the WILCS02UE module
Contains Transmitter Module FCC ID: 2ADHKWIXCS02U
or
Contains FCC ID: 2ADHKWIXCS02U
This device complies with Part 15 of the FCC Rules. Operation is subject
to the following two conditions: (1) this device may not cause harmful
interference, and (2) this device must accept any interference received,
including interference that may cause undesired operation.
The user's manual for the finished product must include the following statement:
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part 15 of
the FCC Rules. These limits are designed to provide reasonable protection against harmful interference in a residential
installation. This equipment generates, uses and can radiate radio frequency energy, and if not installed and used in
accordance with the instructions, may cause harmful interference to radio communications. However, there is no guarantee
that interference will not occur in a particular installation. If this equipment does cause harmful interference to radio or
television reception, which can be determined by turning the equipment off and on, the user is encouraged to try to correct
the interference by one or more of the following measures:
Reorient or relocate the receiving antenna
Increase the separation between the equipment and receiver
Connect the equipment into an outlet on a circuit different from that to which the receiver is connected
Consult the dealer or an experienced radio/TV technician for help
Additional information on labeling and user information requirements for Part 15 devices can be
found in KDB Publication 784748, which is available at the FCC Office of Engineering and Technology
(OET) Laboratory Division Knowledge Database (KDB) apps.fcc.gov/oetcf/kdb/index.cfm.
5.1.2
RF Exposure
All transmitters regulated by FCC must comply with RF exposure requirements. KDB 447498 General
RF Exposure Guidance provides guidance in determining whether proposed or existing transmitting
facilities, operations or devices comply with limits for human exposure to Radio Frequency (RF)
fields adopted by the Federal Communications Commission (FCC).
From the FCC Grant: Output power listed is conducted. This grant is valid only when the module is
sold to OEM integrators and must be installed by the OEM or OEM integrators. This transmitter is
restricted for use with the specific antenna(s) tested in this application for Certification and must
not be co-located or operating in conjunction with any other antenna or transmitters within a host
device, except in accordance with FCC multi-transmitter product procedures.
WILCS02PE/WILCS02UE: These modules are approved for installation into mobile or/and portable
host platforms.
5.1.3
Approved Antenna Types
To maintain modular approval in the United States, only the tested antenna types are used. It is
permissible to use different antenna, provided the same antenna type, antenna gain (equal to or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com