Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 46 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 151 page
background image
GD32H757xx Datasheet
45
LQFP100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
SDIO0_CMDDIR, UART3_TX, CAN0_TX, SDIO1_D5,
I2C3_SMBA, SDIO0_D5, DCI_D7, TLI_B7, EVENTOUT
PE0
97
I/O
Default: PE0
Alternate: TIMER3_ETI, UART7_RX, SAI1_MCLK0,
EXMC_NBL0, DCI_D2, TLI_R0, EVENTOUT
PE1
98
I/O
Default: PE1
Alternate: UART7_TX, EXMC_NBL1, DCI_D3, TLI_R6,
EVENTOUT
VSS
99
P
-
Default: VSS
VDD
100
P
-
Default: VDD
(1)
Type: I = input, O = output, P = power.
(2)
I/O Level: 5VT = 5 V tolerant.
(3)
USBHS0_DM and USBHS0_DP pins can only be used for USBHS.
(4)
PC2_C and PC3_C can only be used as analog pins.
2.6.3.
GD32H757Vx BGA100 pin definitions
Table 2-5. GD32H757Vx BGA100 pin definitions
BGA100
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
PE2
A3
I/O
Default: PE2
Alternate: TRACECK, SAI0_CLK0, SPI3_SCK,
SAI0_MCLK0, OSPIM_P0_IO2, EXMC_A23, EVENTOUT
PE3
B3
I/O
Default: PE3
Alternate:
TRACED0, TIMER14_BRKIN0, SAI0_SD1,
EXMC_A19, DCI_PIXCLK, EVENTOUT
PE4
C3
I/O
Default: PE4
Alternate: TRACED1 , TIMER0_BRKIN1, SAI0_DAT1,
HPDF_DATAIN3, TIMER14_MCH0, SPI3_NSS, SAI0_FS0,
EXMC_A20, DCI_D4, TLI_B0, EVENTOUT
PE5
D3
I/O
Default: PE5
Alternate: TRACED2 , SAI0_CLK1, HPDF_CKIN3,
TIMER14_CH0 , SPI3_MISO, SAI0_SCK0, EXMC_A21,
DCI_D6, TLI_G0, EVENTOUT
PE6
E3
I/O
Default: PE6
Alternate: TRACED3 , TIMER0_BRKIN2, SAI0_DAT0,
TIMER14_CH1 , SPI3_MOSI, SAI0_SD0 , SAI1_MCLK1,
CMP_MUX_OUT3, EXMC_A22, DCI_D7, TLI_G1,
EVENTOUT
VSS
C2
P
-
Default: VSS
VDD
D2
P
-
Default: VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com