Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 64 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 151 page
background image
GD32H757xx Datasheet
63
Flash Patch and Breakpoint (FPB).
Data Watchpoint and Trace (DWT).
Instrumentation Trace Macrocell (ITM).
Embedded Trace Macrocell (ETM).
JTAG or SWD Debug Port.
Trace Port Interface Unit (TPIU).
Memory Protection Unit (MPU).
Floating Point Unit (FPU), double-precision.
Load Store Unit (LSU).
Data Processing Unit (DPU).
Prefetch Unit (PFU
).
3.2.
On-chip memory
 Up to 3840KB of on-chip flash memory for instruction and data.
Up to 512 KB of configurable SRAM for ITCM/DTCM/AXI SRAM.
Up to 512 KB of on-chip SRAM (AXI SRAM).
 4KB of backup SRAM.
RAM ECC monitor for each Region.
The GD32H757xx has up to 3840KB of on-chip flash memory for instruction and data. The
flash memory consists of 3840KB main flash organized into 960 sectors with 4KB and 64KB
information block. Each sector can be erased individually.
The GD32H757xx series contain up to 512KB of on-chip SRAM (AXI SRAM), 4KB of backup
SRAM and up to 512KB RAM shared by ITCM/DTCM/AXI SRAM. All of AHB SRAM support
byte, half-word (16 bits), and word (32 bits) accesses. The on-chip SRAM (AXI SRAM)
support byte, half-word (16 bits), word (32 bits) and double words (64 bits) accesses. SRAM0
and SRAM1 can be accessed by almost all AHB masters. The backup SRAM (BKPSRAM) is
implemented in the backup domain, which can keep its content even when the VDD power
supply is down.
Table 2-2. GD32H757xx memory map shows the memory map of the GD32H757xx series
of devices, including Flash, SRAM, peripheral, and other pre-defined regions.
3.3.
Clock, reset and supply management
Internal 64 MHz factory-trimmed RC and external 4 to 50 MHz crystal oscillator.
Internal 48 MHz RC oscillator.
Low power internal 4 MHz RC oscillator.
Internal 32 KHz RC calibrated oscillator and external 32.768 KHz crystal oscillator.
Integrated system clock PLL.
1.71 to 3.6V application supply and I/Os.
Supply Supervisor: POR (Power On Reset), PDR (Power Down Reset), and low voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com