Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 85 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 85 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 151 page
background image
GD32H757xx Datasheet
84
4.
Electrical characteristics
To better understand this chapter, read the following before moving on to the rest of this
chapter.
A + or no sign before the current value indicates that the current is output from the MCU.
A - before the current value indicates that the current is input to the MCU.
TA (Ambient temperature) tested condition.
TJ
(Junction temperature) tested condition.
Value guaranteed by design, not 100% tested in production indicates that the value is
derived from simulation of IC designers.
Value guaranteed by characterization, not 100% tested in production indicates that the
value is derived from random test.
Unless otherwise specified, all values given for VDD = VDDA = 3.3 V, TJ = 25 °C.
The devices will be damaged or work abnormally if the electrical parameters beyond the
range of maximum and minimum values.
See the following table for some abbreviation terms and their descriptions in this chapter.
Table 4-1. Abbreviations
Acronym
Description
ADC
Analog-to-Digital Converter
AHB
Advanced High-performance Bus
APB
Advanced Peripheral Bus
CAN
Controller Area Network
DAC
Digital-to-Analog Converter
DMA
Direct Memory Access
GPIO
General Purpose Input/Output
JTAG
Joint Test Action Group
PLL
Phase-Locked Loop
PWM
Pulse Width Modulator
USB
Universal Serial Bus
SPI
Serial Peripheral Interface
RMII
Reduced Media Independent Interface
4.1.
Absolute maximum ratings
The maximum ratings are the limits to which the device can be subjected without permanently
damaging the device. Note that the device is not guaranteed to operate properly at the
maximum ratings. Exposure to the absolute maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com