Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 93 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 93 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 93Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 96Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 97Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 151 page
background image
GD32H757xx Datasheet
92
Table 4-9. System level ESD and EFT characteristics(1)
Symbol
Description
Conditions
Package
Class
Level
VESD
Contact / Air mode
high voltage stressed
on few special I/O
pins
VDD = 3.3 V, TJ = 25 °C,
fHCLK = 600 MHz
IEC 61000-4-2
BGA176
CD 8kV
AD 15kV
4A
LQFP176
CD 8kV
AD 15kV
4A
VEFT
Fast transient high
voltage burst
stressed on Power
and GND
VDD = 3.3 V, TJ = 25 °C,
fHCLK = 600 MHz
IEC 61000-4-4
BGA176
4kV
4A
LQFP176
4kV
4A
(1)
Value guaranteed by characterization, not 100% tested in production.
EMI (Electromagnetic Interference) emission test result is given in the Table 4-10. EMI
characteristics(1)
, The electromagnetic field emitted by the device are monitored while an
application, executing EEMBC code, is running. The test is compliant with SAE J1752-3:2017
standard which specifies the test board and the pin loading.
Table 4-10. EMI characteristics(1)
Symbol Parameter Conditions Package Mode
Max vs. [fHXTAL/fHCLK]
8/600 MHz
Unit
0.1-
30MHz
30-
130MHz
130MHz-
1GHz
1-3GHz
SEMI
Peak level
VDD = 3.6 V,
TJ = +25 °C,
fHCLK = 600
MHz,
conforms to
SAE J1752-
3:2017
BGA176
LDO
supply
2.55
7.55
6.17
6.70
dB
μV
LQFP176
LDO
supply
4.00
7.36
12.64
6.86
(1)
Value guaranteed by characterization, not 100% tested in production.
Component level ESD include HBM (Human body model, according to ANSI/ESDA/JEDEC
JS-001) and CDM (ANSI/ESDA/JEDEC JS-002), that ESD field events during manufacturing
in an ESD protected area, such as PCB assembly/repair, IC assembly/test and Fab
environment. The ESD protected area (EPA) has many measures, for instance ESD
protective packaging, grounding person wrist strap to ground (or flooring/footwear), grounded
work surface and ionizer.
Static latch-up (LU, according to JEDEC78) test is based on the two measurement
methods, I/O current injection value (I-test) and power supply over-voltage value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com