Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 91 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 91 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 93Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 151 page
background image
GD32H757xx Datasheet
90
Symbol
Parameter
Conditions
Typ LDO
regulator
ON
Max
Unit
VDD = VDDA = 3.3 V, System clock =
400 MHz, All peripherals disabled
37.5
—
mA
Supply current
(Deep-Sleep
mode)
VDD = VDDA = 3.3 V, LDO=0.6V,
IRC32K off, RTC off, All GPIOs
analog mode
4.5
—
mA
VDD = VDDA = 3.3 V, LDO=0.7V,
IRC32K off, RTC off, All GPIOs
analog mode
5.98
—
mA
VDD = VDDA = 3.3 V, LDO=0.8V,
IRC32K off, RTC off, All GPIOs
analog mode
7.97
—
mA
VDD = VDDA = 3.3 V, LDO=0.9V,
IRC32K off, RTC off, All GPIOs
analog mode
10.86
—
mA
Supply current
(Standby
mode)
VDD = VDDA = 3.3 V, FWDGT off,
Backup SRAM off, RTC and LXTAL
off
15.6
—
μA
VDD = VDDA = 3.3 V, FWDGT off,
Backup SRAM on, RTC and LXTAL
off
91.3
—
μA
VDD = VDDA = 3.3 V, FWDGT off,
Backup SRAM off, RTC and LXTAL
on
16.3
—
μA
VDD = VDDA = 3.3 V, FWDGT off,
Backup SRAM on, RTC and LXTAL
on
91.9
—
μA
VDD = VDDA = 3.3 V, FWDGT on,
Backup SRAM off, RTC and LXTAL
off
15.8
—
μA
VDD = VDDA = 3.3 V, FWDGT on,
Backup SRAM on, RTC and LXTAL
off
91.5
—
μA
VDD = VDDA = 3.3 V, FWDGT on,
Backup SRAM off, RTC and LXTAL
on
16.6
—
μA
VDD = VDDA = 3.3 V, FWDGT on,
Backup SRAM on, RTC and LXTAL
on
92.2
—
μA
IBAT
Battery supply
current
(Backup
mode)
VDD off, VDDA off, VBAT = 3.6 V, Backup
SRAM off, RTC and LXTAL off
3.9
—
μA
VDD off, VDDA off, VBAT = 3.3 V, Backup
SRAM off, RTC and LXTAL off
1.1
—
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com