Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 65 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 61Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 151 page
background image
GD32H757xx Datasheet
64
detector (LVD).
The Clock Control Unit (CCTL) provides a range of oscillator and clock functions. These
include internal RC oscillator and external crystal oscillator, high speed and low speed two
types. Several prescalers allow the frequency configuration of the AXI, three AHB and four
APB
domains. The maximum frequency of the system clock can be up to 600 MHz. The
maximum frequency of the three AHB domains are 300 MHz. The maximum frequency of the
four APB domains including APB1 = APB3 = PAB4 is 150 MHz and APB2 is 300 MHz. See
Figure 2-5. GD32H757xx clock tree
for details on the clock tree.
The Reset Control Unit (RCU) controls three kinds of reset: system reset resets the processor
core and peripheral IP components except for the SW-DP controller and the Backup domain.
Power-on reset (POR) and power-down reset (PDR) are always active, and ensures proper
operation starting from 1.53V and down to 1.48V. The device remains in reset mode when
VDD is below a specified threshold
. The embedded low voltage detector (LVD) monitors the
power supply, compares it to the voltage threshold and generates an interrupt as a warning
message for leading the MCU into security.
Power supply schemes:
VDD range: 1.71V to 3.6V, external power supply for I/Os and the internal regulator.
Provided externally through VDD pins.
VSSA, VDDA range: 1.71V to 3.6V, external analog power supplies for ADC, reset blocks,
RCs and PLL. VDDA and VSSA must be connected to VDD and VSS, respectively.
VBAT range: 1.71V to 3.6V, power supply for RTC, external clock 32 KHz oscillator and
backup registers (through power switch) when VDD is not present.
3.4.
Boot modes
GD32H757xx supports four BOOT modes, including:
USER BOOT
SECURITY BOOT
SYSTEM BOOT
SRAM BOOT
At startup, the boot memory space is selected by the BOOT pin and BOOT_ADDR0/1 in Boot
address
, allowing to program any boot memory address from 0x0000 0000 to to 0x9000 0000.
The boot loader is located in non-user System memory. It is used to reprogram the Flash
memory by using USART0 (PA9 and PA10), USART1 (PA2 and PA3), USART2 (PB10 and
PB11), USBHS0 (USBHS0_DP and USBHS0_DM) and SDIO0 (PC12, PD2, PB13, PC9,
PC10 and PC11) in device mode. It also can be used to transfer and update the Flash memory
code, the data and the vector table sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com