Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 88 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 88 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 151 page
background image
GD32H757xx Datasheet
87
Figure 4-2. Recommended power supply decoupling capacitors(1)(2)(3)
100 nF
VBAT
VSS
N * VDD
VSS
4.7
μF + N * 100 nF
10 nF
VDDA
VSSA
1
μF
10 nF
VREFP
VREFN
1
μF
VSS
VCORE
2x2.2
μF or 2x100nF
(1)
The VREFP and VREFN pins are only available on no less than 100-pin packages, or else the VREFP and
VREFN pins are not available and internally connected to VDDA and VSSA pins.
(2)
All decoupling capacitors need to be as close as possible to the pins on the PCB board.
(3)
When voltage regulator is enabled the two 2.2 μF Vcore capacitors are required , if bypassing the voltage
regulator ,two 100 nF decoupling capacitors are required.
Table 4-4. Vcore operating conditions(1)(2)(3)
Symbol
Parameter
Conditions
CEXT
Capacitance of external capacitor
2.2 μF
ESR
ESR of external capacitor
< 100 mΩ
(1)
When bypassing the voltage regulator, the two 2.2 μF V
CORE capacitors are not required and should be replaced
by two 100 nF decoupling capacitors.
(2)
This value corresponds to CEXT typical value. A variation of +/-20% is tolerated.
(3)
If a third VCORE pin is available on the package, it must be connected to the other VCORE pins but no additional
capacitor is required.
Table 4-5. Clock frequency(1)(2)
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
core clock frequency
Supply voltage < 3.6V
—
600
MHz
Supply voltage < 2.3V
—
400
fAHB
AHB clock frequency
Supply voltage < 3.6V
—
300
Supply voltage < 2.3V
—
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com