Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 87 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 87 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 151 page
background image
GD32H757xx Datasheet
86
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1) Unit
VDDA
Analog supply voltage
Same as VDD
1.71
3.3
3.6
V
VBAT
Battery supply voltage
—
1.71
—
3.6
V
VCORE(2)
VCORE supply voltage
Bypass mode
0.873
0.9
0.955
V
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
The power-up and power-down sequence for the power bypass mode should meet the requirements as
illustrated in
Figure 4-1. Bypass Mode Power-up and Power-down Timing Diagram (1)(2)(3).
Figure 4-1. Bypass Mode Power-up and Power-down Timing Diagram (1)(2)(3)
POR threshold
PDR threshold
VC OR E > 0.85V
VC OR E > 0.85V
Mi n VC OR E at
s tart up 0. 85V
Mi n VC OR E at
power down 0. 85V
VDD/VDDA
VCORE
(1)
Before the MCU's VDD/VDDA voltage rises to the POR (Power-On Reset) threshold, ensure that the VCORE
voltage is greater than 0.85 V.
(2)
Before the MCU's VDD/VDDA voltage drops to the PDR (Power-Down Reset) threshold, ensure that the
VCORE voltage is greater than 0.85 V
(3)
Under any operating condition, ensure that the VDD/VDDA voltage is greater than the VCORE voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com