Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 10 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 6Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 7Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 8Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 9Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 10Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 11Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 12Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 13Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 14Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 151 page
background image
GD32H757xx Datasheet
9
1.
General description
The GD32H757xx device belongs to the high performance line of GD32 MCU family. It is a
new 32-bit general-purpose microcontroller based on the Arm® Cortex®-M7 core with best
cost-performance ratio in terms of enhanced processing capacity, reduced power
consumption and peripheral set. The Arm® Cortex®-M7 processor is a highly efficient high-
performance, embedded processor that features low interrupt latency, low-cost debug, and
has backwards compatibility with existing Cortex-M profile processors. The processor has an
in-order super-scalar pipeline that means many instructions can be dual-issued, including
load/load and load/store instruction pairs because of multiple memory interfaces. The Cortex-
M7 is a high-performance processor, which features a 6-stage superscalar pipeline with
branch prediction and an optional FPU capable of single-precision and optionally double-
precision operations. The instruction and data buses have been enlarged to 64-bit wide over
the previous 32-bit buses. It also provides a Memory Protection Unit (MPU) and powerful
trace technology for enhanced application security and advanced debug support.
The GD32H757xx device incorporates the Arm® Cortex®-M7 32-bit processor core operating
at 600 MHz frequency with Flash security protection to prevent illegal code/data access. It
provides up to 3840 KB on-chip Flash memory, 512KB AXI SRAM and 512KB RAM shared
(ITCM/DTCM/AXI) memory. An extensive range of enhanced I/Os and peripherals connected
to four APB buses. The devices offer up to two 14-bit 4 MSPS ADCs, a 12 bit 5.3 MSPS ADC,
a 12-bit DAC, up to twelve general 16-bit timers, two 16-bit PWM advanced timers, four 32-
bit general timers, and four 16-bit basic timers, as well as standard and advanced
communication interfaces: up to six SPIs, two OSPIs, four I2Cs, four USARTs and four
UARTs, four I2Ss, three CAN-FDs, a USBHS, a ENET, two SDIOs and a MDIO. Additional
peripherals as digital camera interface (DCI), EXMC interface with SDRAM extension support,
TFT-LCD Interface (TLI), Image Processing Accelerator (IPA), Serial Audio Interface (SAI),
Receiver of Sony/Philips Digtial Interface (RSPDIF), Filter arithmetic accelerator (FAC), Real-
time decryption (RTDEC) and high performance digital filter module (HPDF) are included.
The device operates from a 1.71V to 3.6V power supply and available in
–40 to +85 °C
temperature range for grade 6 devices, -40 to +105 °C temperature range for grade 7 devices.
Three power saving modes provide the flexibility for maximum optimization of power
consumption, an especially important consideration in low power applications.
The above features make GD32H757xx devices suitable for a wide range of interconnection
and advanced applications, especially in areas such as industrial control, consumer and
handheld equipment, embedded modules, human machine interface, security and alarm
systems, energy storage system, graphic display, audio player, automotive navigation, drone,
IoT and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com