Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 69 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 69 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 151 page
background image
GD32H757xx Datasheet
68
- 1) bits computed by SHA-1, SHA-224, SHA-256 and MD5 algorithms respectively. In HMAC
algorithm, SHA-1, SHA-224, SHA-256 or MD5 will be called twice as hash functions and
authenticating messages can be produced.
3.13.
Trigonometric Math Unit (TMU)
10 kinds of functions.
The fixed point format is configurable.
Programmable precision.
CORDIC-algorithm core: circular system and hyperbolic system, rotation pattern and
vectoring pattern.
The Trigonometric Math Unit (TMU) is a fully configurable block that execute common
trigonometric and arithmetic operations. It can be used to calculate total 10 kinds of functions.
The input/output data meet q1.31 or q1.15 fixed point format.
3.14.
Direct memory access controller (DMA)
Two AHB master interface for transferring data, and one AHB slave interface for
programming DMA.
16 channels (8 for DMA0 and 8 for DMA1) and each channel are configurable.
Support independent single, 4, 8, 16-beat incrementing burst memory and peripheral
transfer.
Support independent 8, 16, 32-bit memory and peripheral transfer.
Peripherals supported: Timers, ADC, HPDF, SPI, I2C, USART, UART, DAC, I2S, RSPDIF,
SAI, CAU, HAU, FAC, TMU, CAN and DCI.
The flexible general-purpose DMA controllers provide a hardware method of transferring data
between peripherals and/or memory without intervention from the CPU, thereby freeing up
bandwidth for other system functions. Three types of access method are supported:
peripheral to memory, memory to peripheral, memory to memory.
Two AHB master interfaces and eight four-word depth 32-bit width FIFOs are presented in
each DMA controller, which achieves a high DMA transmission performance. There are 16
independent channels in the DMA controller (8 for DMA0 and 8 for DMA1). Each channel is
assigned a specific or multiple target peripheral devices for memory access request
management. Two arbiters respectively for memory and peripheral are implemented inside to
handle the priority among DMA requests.
3.15.
Master direct memory access controller (MDMA)
16 channels, each channel supports software triggering and requests can be selected
among any request source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com