Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 70 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 151 page
background image
GD32H757xx Datasheet
69
Support independent single, 2, 4, 8, 16, 32, 64, 128-beat incrementing burst source and
destination transfer.
Support three transfer modes:
–
Read from memory and write to memory (software triggered).
–
Read from peripheral and write to memory (or memory mapped peripherals).
–
Read from memory (or memory mapped peripherals) and write to peripheral.
Automatic pack / unpack of data to optimize bandwidth when the data width of the source
and destination are different.
34 hardware trigger sources, all channels can be connected to any hardware trigger
source.
Two FIFOs of 16 double word depth to maximize data bandwidth and bus utilization.
The master direct memory access (MDMA) controller provides a hardware method of
transferring data between peripherals and/or memory without intervention from the MCU,
thereby increasing system performance by off-loading the MCU from copying large amounts
of data and avoiding frequent interrupts to serve peripherals needing more data or having
available data. MDMA can be used in combination with a DMA controller (DMA0 or DMA1) to
provide up to 16 channels. Each channel request can be selected among any request source.
The built-in arbiter is used to handle priority among MDMA requests.
3.16.
DMA request multiplexer (DMAMUX)
 16 channels for DMAMUX
request multiplexer.
8 channels for DMAMUX request generator.
Support 36 trigger inputs and 29 synchronization inputs.
DMAMUX is a transmission scheduler for DMA requests. The DMAMUX request multiplexer
is used for routing a DMA request line between the peripherals / generated DMA request
(from the DMAMUX request generator) and the DMA controller. Each DMAMUX request
multiplexer channel selects a unique DMA request line, unconditionally or synchronously with
events from its DMAMUX synchronization inputs. The DMA request is pending until it is
served by the DMA controller which generates a DMA acknowledge signal (the DMA request
signal is de-asserted).
3.17.
Analog to digital converter (ADC)
14-bit ADC0 and ADC1 conversion rate is up to 4 MSPS.
12-bit ADC2 conversion rate is up to 5.3 MSPS.
14-bit,12-bit, 10-bit, 8-bit configurable resolution for ADC0 and ADC1.
12-bit, 10-bit, 8-bit or 6-bit configurable resolution for ADC2.
In ADC0 and ADC1, Oversampling ratio arbitrarily adjustable from 2x to 1024X.
ADC2, Oversampling ratio arbitrarily adjustable from 2x to 256X.
ADC0 and ADC1 supply requirements: 1.8V to 3.6V, and typical power supply voltage is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com