Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 86 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 86 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 87Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 151 page
background image
GD32H757xx Datasheet
85
Table 4-2. Absolute maximum ratings(1)(4)
Symbol
Parameter
Min
Max
Unit
VDD
External voltage range(2)
VSS - 0.3
VSS + 3.6
V
VDDA
External analog supply voltage(3)
VSSA - 0.3
VSSA + 3.6
V
VBAT
External battery supply voltage
VSS - 0.3
VSS + 3.6
V
VDD50USB
VDD50USB supply voltage
VSS - 0.3
VSS + 5.6
V
VIN
Input voltage on 5VT I/O(5)
VSS - 0.3
VDD+3.6
V
Input voltage on other I/O
VSS - 0.3
VDD +0.3
|ΔVDDX|
Variations between different VDD power pins
—
50
mV
|VSSX
−VSS|
Variations between different ground pins
—
50
mV
IIO
Maximum current for GPIO pins
—
25
mA
∑IIO
Maximum current sunk/sourced by all GPIO pin
—
120
IDD
Maximum current into each VDD pin
—
120
ISS
Maximum current into each VSS pin
—
120
IINJ(PIN)
Injected current on IO
—
0
TA
Operating temperature range for grade 6 device
-40
+85
°C
Operating temperature range for grade 7 device
-40
+105
PD
Power dissipation at TA = 85°C of LQFP144(6)
—
847
mW
Power dissipation at TA = 105°C of LQFP144(6)
—
423
Power dissipation at TA = 85°C of LQFP100(6)
—
836
Power dissipation at TA = 105°C of LQFP100(6)
—
418
Power dissipation at TA = 85°C of BGA100(6)
—
813
TSTG
Storage temperature range
-65
+150
°C
TJ
Maximum junction temperature
—
125
°C
(1)
Value guaranteed by design, not 100% tested in production.
(2)
All main power and ground pins should be connected to an external power source within the allowable range.
(3)
It is recommended that VDD and VDDA are powered by the same source. The maximum difference between
VDD and VDDA does not exceed 300 mV during power-up and operation.
(4)
The device junction temperature must be kept below maximum TJ. More information could be found in AN166
Design Guide for Thermal Characteristics of GD32H7xx series.
(5)
VIN maximum value cannot exceed 5.5 V.
(6)
For grade 6 devices, the parameter of TA=85°C, For grade 7 devices, the parameter of TA=105°C.
4.2.
Recommended DC characteristics
Table 4-3. DC operating conditions
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1) Unit
VDD
Supply voltage
—
1.71
3.3
3.6
V
VDDLDO
Supply voltage for the internal
regular
VDDLDO ≤ VDD
1.71
—
3.6
V
VDD50USB
—
USB regulator ON
4.0
5.0
5.5
V
USB regulator OFF
—
VDD33USB
—
V
VDD33USB
Standard operating voltage, USB
domain
USB used
3.0
—
3.6
V
USB not used
0
—
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com