Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 73 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 73 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 151 page
background image
GD32H757xx Datasheet
72
motor or be used for power management applications. The general level3 timer has a 16-bit
counter that can be used as an unsigned counter.
The general level4 timer module (TIMER15/16) is a two-channel timer that supports both input
capture and output compare. They can generate PWM signals to control motor or be used for
power management applications. The general level4 timer has a 16-bit counter that can be
used as an unsigned counter.
The basic timer module(TIMER5/6/50/51) has a 32-bit or 64-bit counter that can be used as
an unsigned counter. The basic timer can be configured to generate a DMA request and a
TRGO0 to connect to DAC.
The GD32H757xx have two watchdog peripherals, free watchdog timer and window watchdog
timer. They offer a combination of high safety level, flexibility of use and timing accuracy.
The free watchdog timer includes a 12-bit down-counting counter and an 8-bit prescaler. It is
clocked from an independent 32 KHz internal RC and as it operates independently of the
main clock, it can operate in deep-sleep and standby modes. It can be used either as a
watchdog to reset the device when a problem occurs, or as a free-running timer for application
timeout management.
The window watchdog timer is based on a 7-bit down counter that can be set as free-running.
It can be used as a watchdog to reset the device when a problem occurs. It is clocked from
the main clock. It has an early wakeup interrupt capability and the counter can be frozen in
debug mode.
The SysTick timer is dedicated for OS, but could also be used as a standard down counter. It
features:
A 24-bit down counter.
Auto reload capability.
Maskable system interrupt generation when the counter reaches 0.
Programmable clock source.
3.21.
Universal synchronous/asynchronous receiver transmitter
(USART/UART)
Programmable baud-rate generator allowing speed up to 37.5 MBits/s when the clock
frequency is 300 MHz and oversampling is by 8.
Supports both asynchronous and clocked synchronous serial communication modes
IrDA SIR encoder and decoder support.
LIN break generation and detection.
ISO 7816-3 compliant smart card interface.
The USART (USART0, USART1, USART2, USART5) and UART (UART3, UART4, UART6,
UART7) are used to transfer data between parallel and serial interfaces, provides a flexible
full duplex data exchange using synchronous or asynchronous transfer. It is also commonly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com