Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 75 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 73Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 74Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 151 page
background image
GD32H757xx Datasheet
74
3.24.
Inter-IC sound (I2S)
Master or slave operation for transmission/reception.
Four I2S standards supported: Phillips, MSB justified, LSB justified and PCM standard.
Data length can be 16 bits, 24 bits or 32 bits.
Channel length can be 16 bits or 32 bits.
Transmission and reception use a 32 bits wide buffer.
Audio sample frequency can be 8 kHz to 192 kHz using I2S clock divider.
Programmable idle state clock polarity.
Separate transmit and receive 32-bit FIFO.
The Inter-IC sound (I2S) bus provides a standard communication interface for digital audio
applications by 4-wire serial lines. GD32H757xx contain an I2S-bus interface that can be
operated with 16/32 bit resolution in master or slave mode,
pin multiplexed with SPI1 and
SPI2. The audio sampling frequencies from 8 KHz to 192 KHz is supported.
3.25.
OSPI I/O manager(OSPIM)
Supports two OSPI (single-line, two-lines, four-lines, eight-lines) interfaces.
Support two ports for pin assignment.
Fully programmable IO matrix, can assign pins according to function.
OSPIM supports OSPI pin assignment with full matrix.
3.26.
Octal-SPI interface(OSPI)
Three functional modes:
indirect mode, status polling mode, memory-mapped mode.
Support read in
memory-mapped mode.
Support single, dual, quad and octal communication.
Fully programmable command format for both indirect and memory-mapped mode.
Support SDR (signal data rate) and DTR (double transfer rate, only for GD25LX512ME).
Integrated FIFO for transmission/reception.
8, 16 and 32-bits data access.
The OSPI is a specialized interface that communicate with external memories. The interface
support single, dual, quad and octal SPI flash (PSRAMS, NAND, NOR Flash, etc).
3.27.
Clock phase delay module (CPDM)
Supports the input clock frequency ranges: 25 MHz ~ 208MHz.
Supports up to 12 oversampling phases.
The Clock Phase Delay Module (CPDM) is used to delay the phase of the input clock and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com