Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 79 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 79 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 75Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 151 page
background image
GD32H757xx Datasheet
78
The external memory controller EXMC, is used as a translator for CPU to access a variety of
external memory, it automatically converts AXI memory access protocol into a specific
memory access protocol defined in the configuration register, such as SRAM, ROM, NOR
Flash, PSRAM, NAND Flash and SDRAM. The EXMC also can be configured to interface
with the most common LCD module of Motorola 6800 and Intel 8080 series and reduce the
system cost and complexity.
3.36.
VREF
Stable voltage, and product calibrated.
Connects to VREFP pin to source off-chip circuits.
1.5V, 1.8V, 2.048V or 2.5V configurable reference voltage output.
A precision internal reference circuit is inside. The internal voltage reference unit is used to
provide voltage reference for ADC / DAC, or used by off-chip circuit connecting to VREFP pin.
3.37.
Low power digital temperature sensor (LPDTS)
The trigger source of measurement can be set to software or hardware.
Programmable sampling time.
Temperature window watchdog.
The interrupt can be generated when the temperature is below a low threshold or above
a high threshold and at the end of measurement.
The generation of asynchronous wakeup signal in LXTAL mode indicates that the
measurement result is higher or lower than the specified threshold.
Low power digital tempearature sensor(LPDTS) is used to transmit square wave, which is
converted by temperature and the frequency is proportional to the absolute temperature. The
frequency measurement is based on the PCLK or the LXTAL clock.
3.38.
Encoder Divided-Output controller (EDOUT)
Support for changing the activation polarity of B.
Support configuration of Z-phase output location and pulse width.
Number of edges per rotation: 16 to 65536 (must be the multiple of four).
Support for the input of update period event signals from the TRIGSEL.
The encoder divided-output controller (EDOUT) is used to output location information
obtained from the encoder in the form of A-phase, B-phase, and Z-phase pulses.
3.39.
Controller area network (CAN)
Supports CAN protocol version 2.0A/B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com