Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757VMT7 Datasheet(PDF) 92 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757VMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757VMT7 Datasheet(HTML) 92 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757VMT7 Datasheet HTML 88Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 89Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 90Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 91Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 92Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 93Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 94Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 95Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757VMT7 Datasheet HTML 96Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 151 page
background image
GD32H757xx Datasheet
91
Symbol
Parameter
Conditions
Typ LDO
regulator
ON
Max
Unit
VDD off, VDDA off, VBAT = 3 V, Backup
SRAM off, RTC and LXTAL off
0.3
—
μA
VDD off, VDDA off, VBAT = 3.6 V, Backup
SRAM on, RTC and LXTAL off
79.4
—
μA
VDD off, VDDA off, VBAT = 3.3 V, Backup
SRAM on, RTC and LXTAL off
77.1
—
μA
VDD off, VDDA off, VBAT = 3 V, Backup
SRAM on, RTC and LXTAL off
76.3
—
μA
VDD off, VDDA off, VBAT = 3.6 V, Backup
SRAM off, RTC and LXTAL on
3.9
—
μA
VDD off, VDDA off, VBAT = 3.3 V, Backup
SRAM off, RTC and LXTAL on
1.1
—
μA
VDD off, VDDA off, VBAT = 3 V, Backup
SRAM off, RTC and LXTAL on
0.3
—
μA
VDD off, VDDA off, VBAT = 3.6 V, Backup
SRAM on, RTC and LXTAL on
79.5
—
μA
VDD off, VDDA off, VBAT = 3.3 V, Backup
SRAM on, RTC and LXTAL on
77.1
—
μA
VDD off, VDDA off, VBAT = 3 V, Backup
SRAM on, RTC and LXTAL on
76.2
—
μA
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Unless otherwise specified, all values given for TJ = 25 °C and test result is mean value.
(3)
When analog peripheral blocks such as ADCs, DACs, HXTAL, LXTALor IRC32K are ON, an additional power
consumption should be considered.
(4)
During power consumption test, GPIO needs to be configure as Analog Input mode.
4.4.
EMC characteristics
System level ESD (Electrostatic discharge, according to IEC 61000-4-2) and EFT (Electrical
Fast Transient/burst, according to IEC 61000-4-4) testing result is given in the Table 4-9.
System level ESD and EFT characteristics(1). System level ESD is for end-customer
operation, it includes ESD field events on system level occur in an unprotected area (outside
EPA). System level ESD protection necessary to satisfy higher ESD levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com