Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 131 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 131 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 127Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 128Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 129Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 130Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 131Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 132Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 133Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 134Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 135Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 242 page
background image
Performance Verification
TDS 310, TDS 320 & TDS 350 Instruction Manual
63
These procedures use external, traceable signal sources to directly check
instrument performance. If your test equipment does not meet the minimum
requirements listed in Table 61, your test results will be invalid.
Table61:Test Equipment
Item Number and
Description
Minimum Requirements
Example
Purpose
1 Termination
50 W
(two required)
Impedance 50 W; connectors:
female BNC input, male BNC
output
Tektronix part number
011004901
Checking delay
between channels
2 Cable, Precision
Coaxial (two re
quired)
50 W, 91 cm (36 in), male to
male BNC connectors
Tektronix part number
012048200
Signal
interconnection
3 Connector,
DualBanana
FemaleBNC to dualbanana
Tektronix part number
10300900
Several accuracy
tests
4 Connector,
BNC T"
MaleBNC to dualfemaleBNC Tektronix part number
103003000
Checking trigger
sensitivity
5 Coupler,
DualInput
FemaleBNC to dualmale
BNC
Tektronix part number
067052502
Checking delay
between channels
6 Generator, DC
Calibration
Variable amplitude to ±110 V;
accuracy to 0.1%
Data Precision 8200
Checking DC offset,
gain, and
measurement
accuracy
7 Generator,
Leveled Sine
Wave, Medium
Frequency
200 kHz to 250 MHz; variable
amplitude from 5mV to 4 Vpp
into 50 W
TEKTRONIX SG 503 Leveled
Sine Wave Generator
Checking trigger
sensitivity at low
frequencies
8 Generator, Time
Mark
Variable marker frequency
from 10 ms to 10 ns;
accuracy within 2 ppm
TEKTRONIX TG 501A Time
Mark Generator
Checking sample
rate and delay time
accuracy
9 Probe, 10X,
included with
this instrument
A P6109B (TDS 310 and
TDS 320) or P6111B
(TDS 350) probe
Tektronix number
P6109B (TDS 310 and
TDS 320) or
P6111B (TDS 350)
Signal interconnec
tion
Photocopy the next page and use it to record the performance test results for
your instrument.
Test Equipment
Test Record



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com