Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 132 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 132 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 128Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 129Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 130Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 131Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 132Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 133Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 134Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 135Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 136Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 242 page
background image
Performance Verification
Performance Verification
64
TDS 310, TDS 320, and TDS 350 Test Record
Instrument Serial Number:
Certificate Number:
Temperature:
RH %:
Date of Calibration:
Technician:
Performance Test
Minimum
Incoming
Outgoing
Maximum
DC Voltage Measurement Accuracy
CH1 VOLTS/DIV1 V
200 mV
50 mV1
50 mV2
n at 50 mV
10 mV
5mV
+97.1 V
+8.28 V
-581 mV
-881 mV
+286 mV
+54.6 mV
-982 mV
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
+98.9 V
+8.52 V
-619 mV
-919 mV
+314 mV
+65.4 mV
-998 mV
CH2 VOLTS/DIV1 V
200 mV
50 mV1
50 mV2
n at 50 mV
10 mV
5mV
+97.1 V
+8.28 V
-581 mV
-881 mV
+286 mV
+54.6 mV
-982 mV
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
__________
+98.9 V
+8.52 V
-619 mV
-919 mV
+314 mV
+65.4 mV
-998 mV
AnalogBandwidth
CH1
42.5 mV
__________
__________
N/A
CH2
42.5 mV
__________
__________
N/A
LongTerm Sample Rate and Delay Time Accuracy
-2.0 Div
__________
__________
+2.0 Div
Edge Trigger Sensitivity, DC Coupled
Main Trigger
Main Trigger - Falling
stable trigger
stable trigger
__________
__________
__________
__________
N/A
N/A
1 Generator set at -0.6 V.
2 Generator set at -0.9 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com