Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 136 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 136 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 132Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 133Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 134Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 135Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 136Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 137Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 138Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 139Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 140Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 242 page
background image
Functional Test
Performance Verification
68
Figure63:Hookup for Functional Test
2. Press SAVE/RECALL SETUP ! Recall Factory Setup ! OK Confirm
Factory Init.
3. Press AUTOSET.
4. Set the VOLTS/DIV to 1 V. Use the vertical POSITION knob to center the
waveform vertically on screen.
5. Set the SEC/DIV to 250 ms.
6. Check that a squarewave probecompensation signal of about five
divisions in amplitude is on screen. (See Figure 61 on page 62 to locate
the readout.)
7. Check that one period of the square wave probecompensation signal is
about four horizontal divisions on screen.
8. Check that the horizontal POSITION knob positions the signal left and
right on screen when rotated.
9. Press TRIGGER MENU ! Mode ! Normal.
10. Check that the trigger level readout for the main trigger system changes
with the trigger LEVEL knob.
11. Check that the trigger level knob can trigger and untrigger the square
wave signal as you rotate it. (Leave the signal untriggered.)
12. Check that pressing SET LEVEL TO 50% triggers the signal that you just
left untriggered.
13. Press ACQUIRE ! Mode ! Sample.
14. Check that the instrument displays an actively acquiring waveform on
screen. (Note that there is noise present on the peaks of the square
wave.)
15. Press the side menu button Peak Detect. Check that the instrument
displays an actively acquiring waveform on screen with the noise peak
detected."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com