Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 139 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 139 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 135Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 136Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 137Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 138Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 139Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 140Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 141Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 142Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 143Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
611
Performance Tests
The procedures are in three groupings: Signal Acquisition System Checks,
Time Base System Checks, and Triggering System Checks. They check all the
characteristics that appear in boldface type under Warranted Characteristics
on page 43.
The tests in this subsection comprise an extensive, valid confirmation of
performance and functionality when the following requirements are met:
H The cabinet must be installed.
H You must have performed and passed the procedures under Self Tests,
on page 65 and those under Functional Tests, on page 67.
H The digitizing oscilloscope must have been operating for a warmup
period of at least 20 minutes, and must be operating at an ambient tem
perature between -10_ C and +55_ C.
These procedures check signal acquisition system characteristics that are
listed as checked under Warranted Characteristics in the Specifications
section.
Check DC Voltage Measurement Accuracy
WARNING
Performance of this procedure requires input voltages up to 98 VDC.
Contact with live circuits could cause injury or death. Be sure to set
the DC calibration generator to 0 volts before connecting, discon
necting, and/or moving the test hookup during the performance of
this procedure.
Equipment Required: One dualbanana connector (Item 3), one DC calibra
tion generator (Item 6), and one precision coaxial cable (Item 2).
Time Required: Approximately 35 minutes.
Prerequisites: The oscilloscope must meet the prerequisites listed on
page 611.
Procedure:
1. Set the output of a DC calibration generator to 0 volts.
Prerequisites
Signal Acquisition
SystemChecks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com