Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDS310 Datasheet(PDF) 142 Page - List of Unclassifed Manufacturers

Part # TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Datasheet(HTML) 142 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 138Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 139Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 140Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 141Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 142Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 143Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 144Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 145Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 146Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 242 page
background image
Performance Tests
Performance Verification
614
Procedure:
1. Connect, through a 50 W precision cable and a 50 W termination, the sine
wave output of a mediumfrequency leveled sine wave generator to CH 1
(see Figure 65). Set the output of the generator to a reference frequency
of 50kHz.
Medium
Frequency
Sine Wave
Generator
Output
50 W Termination
Figure 65:Hookup for Analog Bandwidth Check
1. Press SAVE/RECALL SETUP ! Recall Factory Setup ! OK Confirm
Factory Init.
2. Set the SEC/DIV to 10 ms.
3. Press TRIGGER MENU ! Coupling ! Noise Rej.
4. Press ACQUIRE ! Mode ! Average 16.
5. Press MEASURE ! High-Low Setup ! Min-Max.
6. Press the main menu button Select Measurement. Now press the side
menu button more until the menu label Pk Pk appears in thesidemenu.
Press thesidemenu button Pk Pk.
7. Set the VOLTS/DIV to 10 mV.
8. Set the generator output so the CHx Pk Pk readout equals 60mV.
9. Press SET LEVEL TO 50% as necessary to trigger the display.
10. Increase the frequency of the generator output to 50 MHz (TDS 310), 100
MHz (TDS 320), or 200 MHz (TDS 350).
11. Set the SEC/DIV to 10 ns (TDS 310), 5 ns (TDS 320), or 2.5 ns (TDS 350).
12. Press SET LEVEL TO 50% as necessary to trigger the display.
13. Check that the Pk Pk readout on screen (as shown in
Figure66) is w42.5 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com